Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 270 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 270 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 264Page - STMicroelectronics UPSD3312D Datasheet HTML 265Page - STMicroelectronics UPSD3312D Datasheet HTML 266Page - STMicroelectronics UPSD3312D Datasheet HTML 267Page - STMicroelectronics UPSD3312D Datasheet HTML 268Page - STMicroelectronics UPSD3312D Datasheet HTML 269Page - STMicroelectronics UPSD3312D Datasheet HTML 270Page - STMicroelectronics UPSD3312D Datasheet HTML 271Page - STMicroelectronics UPSD3312D Datasheet HTML 272Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 270 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Important notes
UPSD33xx
270/272
Doc ID 9685 Rev 7
33
Important notes
The following sections describe the limitations that apply to the UPSD33xx devices.
33.1
PORT 1 not 5 V I/O tolerant
Description
The port P1 is shared with the ADC module and as a result Port P1 is not 5 V tolerant.
Impact on application
5 V devices should not be connected to port P1.
Workaround
Peripherals or GPIO that require 5 V I/O tolerance should be mapped to Port 3 or Port 4.
33.2
9th received data bit corrupted in UART modes 2 and 3
Description
If the 9th transmit data bit is written by firmware into TB8 at the same time as a received 9th
bit is being written by the hardware into RB8, RB8 is not correctly updated. This applies to
both UART0 and UART1. Typically, the 9th data bit is used as a parity bit to check for data
transmission errors on a byte by byte basis.
Impact on application
UART modes 2 and 3 can't be used reliably in full-duplex mode.
Workaround
Some options include:
1.
Only use mode 1 (8 data bits) for full-duplex communication.
2.
Use mode 1 and a packet based communication protocol with a checksum or CRC to
detect data transmission errors.
3.
Use UART0 in mode 2 or 3 for transmitting data and UART1 in mode 2 or 3 for
receiving data.
4.
Use some form of handshaking to ensure that data is never transmitted and received
simultaneously on a single UART configured in mode 2 or 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com