Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 12Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 13Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 14Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 15Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 16Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 17Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
16
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
Table 1. Conditions to Enter or Exit Sleep or Standby Condition (continued)
Speed
Command
Mode
Enter Sleep/Standby Condition
Exit from Standby Condition
Exit from Sleep Condition
I2C
SpdCtrl[8:0] is programmed as 0 for
TEN_SL_SB
SpdCtrl[8:0] is programmed as non-zero
for TEX_SL_SB
SPEED pin high ( V > VDIG_IH) for
TEX_SL_SB
Note that using the analog speed command, a higher voltage is required to exit from the sleep condition than the
standby condition. The I2C speed command cannot take the device out of the sleep condition because I2C
communication is disabled during the sleep condition.
9.3.5 Non-Volatile Memory
DRV10983 has 96-bits of EEPROM data, which are used to program the motor parameters as described in the
I2C Serial Interface .
The procedure for programming the EEPROM is as follows. TI recommends to perform the EEPROM
programming without the motor spinning, power cycle after the EEPROM write, and read back the EEPROM to
verify the programming is successful.
1. Set SIdata = 1.
2. Write the desired motor parameters into the corresponding registers (address 0x20:0x2B) (see I2C Serial
Interface).
3. Write ‘10110110’ (0xB6) to enProgKey in the DevCtrl register.
4. Ensure that VCC is at or above 22 V.
5. Write eeWrite = 1 in EECtrl register to start the EEPROM programming.
The programming time is about 24 ms, and eeWrite bit is reset to 0 when programming is done.
9.4 Device Functional Modes
This section includes the logic required to be able to reliably start and drive the motor. It describes the processes
used in the logic core and provides the information needed to effectively configure the parameters to work over a
wide range of applications.
9.4.1 Motor Parameters
Refer to the DRV10975/83 Tuning Guide for the motor parameter measurement.
The motor resistance and motor velocity constant are two important parameters used to characterize a BLDC
motor. The DRV10983 requires these parameters to be configured in the register. The motor resistance is
programmed by writing the values for Rm[6:0] in the MotorParam1 register. The motor velocity constant is
programmed by writing the values for Kt[6:0] in the MotorParam2 register.
9.4.1.1 Motor Resistance
The motor resistance (RPH_CT) must be converted to a 7-bit digital register value Rm[6:0] to program the motor
resistance value. The digital register value can be determined as follows:
1. Convert the motor resistance (RPH_CT) to a digital value where the LSB is weighted to represent 9.67 mΩ:
Rmdig = RPH_CT / 0.00967.
2. Encode the digital value such that Rmdig = Rm[3:0] << Rm[6:4].
The maximum resistor value, RPH_CT, that can be programmed for the DRV10983 is 18.5 Ω, which represents
Rmdig = 1920 and an encoded Rm[6:0] value of 0x7Fh. The minimum resistor the DRV10983 supports is 0.029
Ω, RPH_CT, which represents Rmdig = 3.
For convenience, the encoded value for Rm[6:0] can also be obtained from Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com