Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Speed command
input
Speed command
after closed loop
accelerate buffer
Closed loop
accelerate settings
x%
y%
x%
y%
Buffer of
SpdCtrl[8]
SpdCtrl[8]
SpdCtrl [7:0]
Write to
SpeedCtrl2
Write to
SpeedCtrl1
Speed Command
28
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 23. I2C Mode Speed Control
9.4.5.5 Closed Loop Accelerate
To prevent sudden changes in the torque applied to the motor which could result in acoustic noise, the
DRV10983 provides the option of limiting the maximum rate at which the speed command changes.
ClsLpAccel[2:0] can be programmed to set the maximum rate at which the speed command changes (shown in
Figure 24).
Figure 24. Closed Loop Accelerate
9.4.5.6 Control Coefficient
The DRV10983 continuously measures the motor current and uses this information to control the drive state of
the motor when operating in closed loop mode. In applications where noise makes it difficult to control the
commutation optimally, the CtrlCoef[1:0] can be used to attenuate the feedback used for closed loop control. The
loop will be less reactive to the noise on the feedback and provide for a smoother output.
9.4.5.7 Commutation Control Advance Angle
To achieve the best efficiency, it is often desirable to control the drive state of the motor so that the motor’s
phase current is aligned with the motor’s BEMF voltage.
To align the motor’s phase current with the motor’s BEMF voltage, consider the inductive effect of the motor. The
voltage applied to the motor should be applied in advance of the motor’s BEMF voltage (see Figure 25). The
DRV10983 provides configuration bits for controlling the time (tadv) between the driving voltage and BEMF.
For motors with salient pole structures, aligning the motor BEMF voltage with the motor current may not achieve
the best efficiency. In these applications, the timing advance should be adjusted accordingly. Accomplish this by
operating the system at constant speed and load conditions and by adjusting the tadv until the minimum current is
achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com