Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 41Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 42Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 43Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
40
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
R/W
(2)
Read only
(3)
EEPROM
9.5 Register Maps
9.5.1 I2C Serial Interface
DRV10983 provides an I2C slave interface with slave address '101 0010'. TI recommends a pullup resistor
4.7 k
Ω to 3.3 V for I2C interface port SCL and SDA.
Four read/write registers (0x00:0x03) are used to set motor speed and control device registers and EEPROM.
Device operation status can be read back through 12 read-only registers (0x10:0x1E). Another 12 EEPROM
registers (0x20:0x2B) can be accessed to program motor parameters and optimize the spin-up profile for the
application.
9.5.2 Register Map
Register Name
Address
D7
D6
D5
D4
D3
D2
D1
D0
SpeedCtrl1(1)
0x00
SpdCtrl[7:0]
SpeedCtrl2(1)
0x01
OverRide
SpdCtrl[8]
DevCtrl(1)
0x02
enProgKey[7:0]
EECtrl(1)
0x03
sleepDis
SIdata
eeRefresh
eeWrite
Status(2)
0x10
OverTemp
Slp_Stdby
OverCurr
MtrLck
MotorSpeed1(2)
0x11
MotorSpeed[15:8]
MotorSpeed2(2)
0x12
MotorSpeed[7:0]
MotorPeriod1(2)
0x13
MotorPeriod[15:8]
MotorPeriod2(2)
0x14
MotorPeriod[7:0]
MotorKt1(2)
0x15
MotorKt[15:8]
MotorKt2(2)
0x16
MotorKt[7:0]
IPDPosition(2)
0x19
IPDPosition[7:0]
SupplyVoltage(2)
0x1A
SupplyVoltage [7:0]
SpeedCmd(2)
0x1B
SpeedCmd [7:0]
spdCmdBuffer(2)
0x1C
spdCmdBuffer[7:0]
FaultCode(2)
0x1E
Lock5
Lock4
Fault3
Lock2
Lock1
Lock0
MotorParam1(3)
0x20
DoubleFreq
Rm[6:0]
MotorParam2(3)
0x21
AdjMode
Kt[6:0]
MotorParam3(3)
0x22
CtrlAdvMd
TCtrlAdv[6:0]
SysOpt1(3)
0x23
ISDThr[1:0]
IPDAdvcAgl[1:0]
ISDen
RvsDrEn
RvsDrThr[1:0]
SysOpt2(3)
0x24
OpenLCurr[1:0]
OpLCurrRt[2:0]
BrkDoneThr[2:0]
SysOpt3(3)
0x25
CtrlCoef[1:0]
StAccel2[2:0]
StAccel[2:0]
SysOpt4(3)
0x26
Op2ClsThr[4:0]
AlignTime[2:0]
SysOpt5(3)
0x27
LockEn[3:0]
AVSIndEn
AVSMEn
AVSMMd
IPDRlsMd
SysOpt6(3)
0x28
SWiLimitThr[3:0]
HWiLimitThr[2:0]
SysOpt7(3)
0x29
LockEn5
ClsLpAccel[2:0]
Deadtime[3:0]
SysOpt8(3)
0x2A
IPDCurrThr[3:0]
LockEn4
VregSel
IPDClk[1:0]
SysOpt9(3)
0x2B
FGOLSet[1:0]
FGcycle[1:0]
KtLckThr[1:0]
SpdCtrlMd
CLoopDis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com