Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
22
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Reverse drive is suitable for applications where the load condition is light at low speed and relatively constant
and where the reverse speed is low (that is, a fan motor with little friction). For other load conditions, the motor
brake function provides a method for helping force a motor which is spinning in the reverse direction to stop
spinning before a normal start-up sequence.
9.4.3.4 Motor Brake
The motor brake function can be used to stop the spinning motor before attempting to start the motor. The brake
is applied by turning on all three of the low-side driver FETs.
Brake is enabled by configuring non zero value for BrkDoneThr[2:0]. Braking is applied for time configurd by
BrkDoneThr[2:0] (reverse or forward). After the motor is stopped, the motor position is unknown. To proceed with
restarting in the correct direction, the IPD or Align and Go algorithm needs to be implemented. The motor start
sequence is the same as it would be for a motor starting in the stationary condition.
The motor brake function can be disabled. The motor skips the brake state and attempts to spin the motor as if it
were stationary. If this happens while the motor is spinning in either direction, the start-up sequence may not be
successful.
9.4.3.5 Motor Initialization
9.4.3.5.1
Align
DRV10983 aligns a motor by injecting dc current through a particular phase pattern which is current flowing into
phase V, flowing out from phase W for a certain time (configured by AlignTime[2:0]). The current magnitude is
determined by OpenLCurr[1:0]. The motor should be aligned at the known position.
The time of align affects the start-up timing (refer to Start-Up Timing ). A bigger inertial motor requires longer
align time.
9.4.3.5.2
IPD
The inductive sense method is used to determine the initial position of the motor when IPD is enabled. IPD is
enabled by selecting IPDCurrThr[3:0] to any value other than 0000.
IPD can be used in applications where reverse rotation of the motor is unacceptable. Because IPD does not
need to wait for the motor to align with the commutation, it can allow for a faster motor start sequence. IPD works
well when the inductance of the motor varies as a function of position. Because it works by pulsing current to the
motor, it can generate acoustics which must be taken into account when determining the best start method for a
particular application.
9.4.3.5.2.1
IPD Operation
The IPD operates by sequentially applying voltage across two of the three motor phases according to the
following sequence: VW WV UV VU WU UW (see Figure 13). When the current reaches the threshold configured
in IPDCurrThr[3:0], the voltage across the motor is stopped. The DRV10983 measures the time it takes from
when the voltage is applied until the current threshold is reached. The time varies as a function of the inductance
in the motor windings. The state with the shortest time represents the state with the minimum inductance. The
minimum inductance is because of the alignment of the north pole of the motor with this particular driving state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com