Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
MotorSpeed[15:8]
Motor Speed Read Back
Read
MotorSpeed[7:0]
Read
MotorSpeed[15:8]
I C send out motor speed.
2
MotorSpeed[7:0]
MotorSpeed
Buffer[7:0]
37
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9.4.11.2.1
Two-Byte Register Read Back
Several of the registers such as MotorSpeed report data that is contained in two registers.
To make sure that the data does not change between the reading of the first and second register reads, the
DRV10983 implements a special scheme to synchronize the reading of MSB and LSB data. To ensure valid data
is read when reading a two register value, use the following sequence.
1. Read the MSB.
2. Read the LSB.
Figure 38 shows the two-register readback circuit. When the MSB is read, the controller takes a snapshot of the
LSB. The LSB data is stored in one extra register byte, which is shown as MotorSpeedBuffer[7:0]. When the LSB
is read, the value of MotorSpeedBuffer[7:0] is sent.
Figure 38. Two-Byte Register Read Back
9.4.11.3 Motor Electrical Period Read Back
The motor operation electrical period is automatically updated in register MotorPeriod1 and MotorPeriod2 while
the motor is spinning. MotorPeriod1 is the MSB and MotorPeriod2 is the LSB. The electrical period is measured
as the time between calculated BEMF zero crossings for phase U. The electrical period of the motor is denoted
as d as ‘tELE_PERIOD (µs)’ and is calculated as shown in Equation 8.
tELE_PERIOD (µs) = {MotorPeriod1:MotorPeriod2} × 10
(8)
As an example consider the following:
MotorPeriod1 = 0x01;
MotorPeriod2 = 0xFF;
tELE_PERIOD = 512 (0x01FF) × 10 = 5120 µs
The motor electrical period and motor speed satisfies the condition of Equation 9.
tELE_PERIOD (s) × Velocity (Hz) = 1
(9)
9.4.11.4 Motor Velocity Constant Read Back
For any given motor, the integrated value of BEMF during half of an electronic cycle will be constant, Ktc (refer to
Lock2: Abnormal Kt ).
The integration of the motor BEMF is processed periodically (updated every electrical cycle) while the motor is
spinning. The result is stored in register MotorKt1 and MotorKt2.
The relationship is shown in Equation 10.
Ktc (V/Hz)= {MotorKt1:MotorKt2} / 2 /1090
(10)
9.4.11.5 Motor Estimated Position by IPD
After inductive sense is executed the rotor position is detected within 60 electrical degrees of resolution. The
position is stored in register IPDPosition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com