Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
Motor phase
driving voltage
Fgcycle '00'
4 pole
Fgcycle '01'
6 pole
Fgcycle '10'
8 pole
Fgcycle '11'
12 pole
35
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 36 shows the DRV10983 has been configured to provide FG pulses once every electrical cycle (4 pole),
twice every three electrical cycle (6 pole), once every two electrical cycles (8 pole), and once every three
electrical cycles (12 pole).
Note that when it is set to 2 FG pulses every three electrical cycles, the FG output is not 50% duty cycle. Motor
speed is able to be measured by monitoring the rising edge of the FG output.
Figure 36. FG Frequency Divider
9.4.10.2 FG Open Loop and Lock Behavior
Note that the FG output reflects the driving state of the motor. During normal closed loop behavior, the driving
state and the actual state of the motor are synchronized. During open loop acceleration, however, this may not
reflect the actual motor speed. During a locked motor condition, the FG output is driven high.
The DRV10983 provides three options for controlling the FG output during open loop as shown in Figure 37. The
selection of these options is determined by the FGOLSel[1:0] setting.
•
Option0: Open loop output FG based on driving frequency
•
Option1: Open loop no FG output (keep high)
•
Option2: FG output based on driving frequency at the first power-on startup, and no FG output (keep high) for
any subsequent restarts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com