Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
ecycles
1 mechcycle
sec ond
51
60
1530 RPM
sec ond
2
ecycle
minute
u
u
Motor phase
driving voltage
Open loop
Closed loop
FGOLset = 00
FGOLset = 01
Motor phase
driving voltage
Open loop
Closed loop
FGOLset = 10
Open loop
Closed loop
Start-up after power-on or wake
up from sleep/standby mode
Rest of the startups
36
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 37. FG Behavior During Open Loop
9.4.11 Diagnostics and Visibility
The DRV10983 offers extensive visibility into the motor system operation conditions stored in internal registers.
This information can be monitored through the I2C interface. Information can be monitored relating to the device
status, motor speed, supply voltage, speed command, motor phase voltage amplitude, fault status, and others.
The data is updated on the fly.
9.4.11.1 Motor Status Read Back
The motor status register provides information on over-temperature (OverTemp), sleep or standby state
(Slp_Stdby), over current (OverCurr), and locked rotor (MtrLck).
9.4.11.2 Motor Speed Read Back
The motor operation speed is automatically updated in register MotorSpeed1 and MotorSpeed2 while the motor
is spinning. MotorSpeed1 contains the 8 most significant bits and MotorSpeed2 contains the 8 least significant
bits. The value is determined by the period for calculated BEMF zero crossings on phase U. The electrical speed
of the motor is denoted as ‘Velocity (Hz)’ and is calculated as shown in Equation 7.
Velocity (Hz) = {MotorSpeed1:MotorSpeed2} / 10
(7)
As an example consider the following:
MotorSpeed1 = 0x01;
MotorSpeed2 = 0xFF;
Velocity = 512 (0x01FF) / 10 = 51 Hz
For a 4-pole motor, this translates to:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com