Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 41Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
U
V
W
U
V
W
U
V
W
U
V
W
U
V
W
N
S
U
V
W
38
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
The value stored in IPD Position corresponds to one of the six motor positions plus the IPD Advance Angle as
shown in Table 7. For more about information about IPD, refer to IPD .
Table 7. IPD Position Read Back
Rotor position (°)
0
60
120
180
240
300
Data1
0
43
85
128
171
213
IPD Advance
Angle
30
60
90
120
Data2
22
44
63
85
Register date
(Data1 + Data2) mod (256)
9.4.11.6 Supply Voltage Read Back
The power supply is monitored periodically during motor operation. This information is available in register
SupplyVoltage. The power supply voltage is recorded as shown in Equation 11.
VPOWERSUPPLY (V) = Supply Voltage × 30 V / 256
(11)
9.4.11.7 Speed Command Read Back
The DRV10983 converts the various types of speed command into a speed command value (SpeedCmd) as
shown in Figure 39. By reading SpeedCmd, the user can observe PWM input duty (PWM digital mode), analog
voltage (analog mode), or I2C data (I2C mode). This value is calculated as shown in Equation 12.
Equation 12 shows how the speed command as a percentage can be calculated and set in SpeedCmd.
DutySPEED (%) = SpeedCmd × 100% / 255
where
•
DutySPEED = Speed command as a percentage
•
SpeedCmd = Register value
(12)
9.4.11.8 Speed Command Buffer Read Back
If acceleration current limit and AVS are enabled, the PWM duty cycle output (read back at spdCmdBuffer) may
not always match the input command (read back at SpeedCmd) shown in Figure 39. Refer to AVS Function and
Current Limit .
By reading the value of spdCmdBuffer, the user can observe buffered speed command (output PWM duty cycle)
to the motor.
Equation 13 shows how the buffered speed is calculated.
DutyOUTPUT (%) = spdCmdBuffer × 100% / 255
where
•
DutyOUTPUT = The maximum duty cycle of the output PWM, which represents the output amplitude in
percentage.
•
spdCmdBuffer = Register value
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com