Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 14Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 15Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 16Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 17Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
18
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table 3. Motor Velocity Constant Look-Up Table (continued)
KtPH (mV/Hz)
Kt[6:0]
HEX
KtPH (mV/Hz)
Kt [6:0]
HEX
KtPH (mV/Hz)
Kt [6:0]
HEX
5.5
0000110
06
55.0
0101111
2F
469
1101000
68
6.42
0000111
07
58.7
0111000
38
528
1101001
69
7.33
001000
08
66.0
0111001
39
587
1101010
6A
8.25
0001001
09
73.3
0111010
3A
645
1101011
6B
9.17
0001010
0A
80.7
0111011
3B
704
1101100
6C
10.0
0001011
0B
88.0
0111100
3C
763
1101101
6D
11.0
0001100
0C
95.4
0111101
3D
822
1101110
6E
11.9
0001101
0D
102
0111110
3E
880
1101111
6F
12.8
0001110
0E
110
0111111
3F
939
1111000
78
13.7
0001111
0F
117
1001000
48
1050
1111001
79
14.6
0011000
18
132
1001001
49
1170
1111010
7A
16.5
0011001
19
146
1001010
4A
1290
1111011
7B
18.3
0011010
1A
161
1001011
4B
1400
1111100
7C
20.1
0011011
1B
176
1001100
4C
1520
1111101
7D
22.0
0011100
1C
190
1001101
4D
1640
1111110
7E
23.8
0011101
1D
205
1001110
4E
1760
1111111
7F
25.6
0011110
1E
220
1001111
4F
27.5
0011111
1F
234
1011000
58
29.3
0101000
28
264
1011001
59
9.4.2 Starting the Motor under Different Initial Conditions
The motor can be in one of three states when the DRV10983 attempts to begin the start-up process. The motor
may be stationary, or spinning in the forward or reverse directions. The DRV10983 includes a number of features
to allow for reliable motor start under all of these conditions. Figure 9 shows the motor start-up flow for each of
the three initial motor states.
9.4.2.1 Case 1 – Motor is Stationary
If the motor is stationary, the commutation logic must be initialized to be in phase with the position of the motor.
The DRV10983 provides for two options to initialize the commutation logic to the motor position. Initial position
detect (IPD) determines the position of the motor based on the deterministic inductance variation, which is often
present in BLDC motors. The Align and Go technique forces the motor into alignment by applying a voltage
across a particular motor phase to force the motor to rotate in alignment with this phase. The following sections
explain how to configure these techniques for use in the designer's system.
9.4.2.2 Case 2 – Motor is Spinning in the Forward Direction
If the motor is spinning forward with enough velocity, the DRV10983 may be configured to go directly into closed
loop. By resynchronizing to the spinning motor, the user achieves the fastest possible start-up time for this initial
condition.
9.4.2.3 Case 3 – Motor is Spinning in the Reverse Direction
If the motor is spinning in the reverse direction, the DRV10983 provides several methods to convert it back to
forward direction.
One method, reverse drive, allows the motor to be driven so that it accelerates through zero velocity. The motor
achieves the shortest possible spin-up time in systems where the motor is spinning in the reverse direction.
If this feature is not selected, then the DRV10983 may be configured to either wait for the motor to stop spinning
or brake the motor. After the motor has stopped spinning, the motor start-up sequence proceeds as it would for a
motor which is stationary.
Take care when using the feature reverse drive or brake to ensure that the current is limited to an acceptable
level and that the supply voltage does not surge as a result of energy being returned to the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com