Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
DAC
+
Digital Core
–
Lock detection current limit
Speed abnormal
Open loop stuck
Closed loop stuck
No motor fault
LockEn (0, 1, 2, 3, 4, 5)
Tri-state
and restart
logic
Or
Register:
FaultCode [5:0]
Register
Status[4]
Set
Reset
BEMF abnormal
31
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
When a lock condition is detected, the MtrLck in the Status register is set. The FaultCode register provides an
indication of which of the six different conditions was detected on Lock5 to Lock0. These bits are reset when the
motor restarts. The bits in the FaultCode register are set even if the lock detect scheme is disabled.
The DRV10983 reacts to either locked rotor or no motor connected conditions by putting the output drivers into a
high-impedance state. To prevent the energy in the motor from pumping the supply voltage, the DRV10983
incorporates an anti-voltage-surge (AVS) process whenever the output stages transition into the high-impedance
state. The AVS function is described in AVS Function . After entering the high-impedance state as a result of a
fault condition, the system tries to restart after tLOCK_OFF.
Figure 27. Lock Detect and Fault Diagnose
9.4.7.1 Lock0: Lock Detection Current Limit Triggered
The lock detection current limit function provides a configurable threshold for limiting the current to prevent
damage to the system. This is often tripped in the event of a sudden locked rotor condition. The DRV10983
continuously monitors the current in the low-side drivers as shown in Figure 28. If the current goes higher than
the threshold configured by the HWiLimitThr[2:0] bits, then the DRV10983 stops driving the motor by placing the
output phases into a high-impedance state. The MtrLck bit is set and a lock condition is reported. It retries after
tLOCK_OFF.
Set the lock detection current limit to a higher value than the acceleration current limit.
Figure 28. Lock Detection Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com