Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
Driving
S1
S2
U1
S3
S4
S5
S6
S1
S2
U1
S3
S4
S5
S6
AVS State
M
M
S1
S2
U1
S3
S4
S5
S6
S1
S2
U1
S3
S4
S5
S6
Driving State
High Impedance State
M
M
34
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
AVSMMd = 1 – AVS mode becomes active when VCC reaches 24 V. The motor acts as a generator and returns
energy into the power supply until VCC reaches 24 V. This mode can be used to enable faster deceleration of
the motor in applications where returning energy to the power supply is allowed.
9.4.8.2 Inductive AVS Function
When DRV10983 transitions from driving the motor into a high-impedance state, the inductive current in the
motor’s windings continues to flow and the energy returns to the power supply through the intrinsic body diodes
in the FET output stage (see Figure 34).
Figure 34. Inductive Mode Voltage Surge
To prevent the inductive energy from being returned to the power supply, the DRV10983 system transitions from
driving to a high-impedance state by first turning off the active high-side drivers, and then after a fixed period of
time, turning off the low-side drivers (see Figure 35).
Figure 35. Inductive AVS
In this example, current is applied to the motor through the high-side driver on phase U (S1) and returned
through the low-side driver on phase W (S6). The high-side driver on phase U is turned off and after a period of
time (to allow the inductive energy in the resulting LR circuit to decay) the low-side driver on phase W is turned
off.
9.4.9 PWM Output
The DRV10983 has 16 options for PWM deadtime which can be used to configure the time between one of the
bridge FETs turning off and the complementary FET turning on. Deadtime[3:0] can be used to configure
deadtimes between 40 to 640 ns. Take care that the deadtime is long enough to prevent the bridge FETs from
shooting through.
The DRV10983 offers two options for PWM switching frequency. When the configuration bit DoubleFreq is set to
0, the output PWM frequency will be 25 kHz and when DoubleFreq is set to 1, the output PWM frequency will be
50 kHz.
9.4.10 FG Customized Configuration
The DRV10983 provides information about the motor’s speed through the frequency generate (FG) pin. FG also
provides information about the driving state of the DRV10983.
9.4.10.1 FG Output Frequency
The FG output frequency can be configured by FGcycle[1:0]. The default FG toggles once every electrical cycle
(FGcycle = 00). Many applications configure the FG output so that it provides two pulses for every mechanical
rotation of the motor. The configuration bits provided in DRV10983 can accomplish this for 4-pole, 6-pole, 8-pole,
and 12-pole motors, as shown in Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com