Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
Speed
Command
PWM duty
Maximum
Speed
Command
100%
0
Speed
Command
Analog Input
Maximum
Speed
Command
V
ANA-ZS
V
ANA-FS
27
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 21. Analog Mode Speed Command
9.4.5.3 Digital PWM Input Mode Speed Control
If SpdCtrlMd = 1, the SPEED input pin is configured to operate as a PWM-encoded digital input. The PWM duty
cycle applied to the SPEED pin can be varied from 0 to 100%. The speed command is proportional to the PWM
input duty cycle. The speed command will be stopping the motor when the PWM input keeps at 0 for tEN_SL_SB
(see Figure 22).
The frequency of the PWM input signal applied to the SPEED pin is defined as ƒPWM. This is the frequency the
device can accept to control motor speed. It does not correspond to the PWM output frequency that is applied to
the motor phase. The PWM output frequency can be configured to be either 25 kHz when the DoubleFreq bit is
set to 0 or to 50 kHz when DoubleFreq bit is set to 1.
Figure 22. PWM Mode Speed Command
9.4.5.4 I2C Mode Speed Control
The DRV10983 can also command the speed through the I2C serial interface. To enable this feature, the
OverRide bit is set to 1. When the DRV10983 is configured to operate in I2C mode, it ignores the signal applied
to the SPEED pin.
The speed command can be set by writing the SpdCtrl[8] and SpdCtrl[7:0] bits. The 9-bit SpdCtrl [8:0] located in
the SpeedCtrl1 and SpeedCntrl2 registers are used to set the peak amplitude voltage applied to the motor. The
maximum speed command is set when SpdCtrl [8:0] is set to 0x1FF (511).
When SpdCtrl [8] is written to the SpeedCtrl2 register, the data is stored, but the output is not changed. When
SpdCtrl [7:0] is written to the SpeedCtrl1 register, the speed command is updated (see Figure 23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com