Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV10983ZPWPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
BEMF = kt × speed
Rm
U = BEMF + I × Rm
M
Limit
Limit
U
I
Rm
Speed Hz
Kt
u
u
Time
Speed
Close loop
Op2ClsThr
AlignTime
Accelerate Time
Accelerate Time is determined by
Op2ClsThr and A1, A2.
Speed =
t + 0.5
t
A1
A2
´
´
2
25
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 17. Motor Start-Up Process
Select the first order and second order accelerate rates to allow the motor to reliably accelerate from zero
velocity up to the closed loop threshold in the shortest time possible. Using a slow accelerate rate during the first
order accelerate stage can help improve reliability in applications where it is difficult to accurately initialize the
motor with either align or IPD.
Select the open-to-closed loop threshold to allow the motor to accelerate to a speed that generates sufficient
BEMF for closed loop control. This is determined by the motor’s velocity constant based on the relationship
described in Equation 1.
BEMF = KtPH × speed (Hz)
(1)
9.4.4 Start-Up Current Setting
The start-up current setting is to control the peak start-up during open loop. During open loop operation, it is
desirable to control the magnitude of drive current applied to the motor. This is helpful in controlling and
optimizing the rate of acceleration. The limit takes effect during reverse drive, align, and acceleration.
The start current is set by programming the OpenLCurr[1:0] bits. The current should be selected to allow the
motor to reliably accelerate to the handoff threshold. Heavier loads may require a higher current setting, but it
should be noted that the rate of acceleration will be limited by the acceleration rate (StAccel[2:0], StAccel2[2:0]).
If the motor is started with more current than necessary to reliably reach the handoff threshold, it results in higher
power consumption.
The start current is controlled based on the relationship shown in Equation 2 and Figure 18. The duty cycle
applied to the motor is derived from the calculated value for ULimit and the magnitude of the supply voltage, Vcc,
as well as the drive state of the motor.
where
•
ILimit is configured by OpenLCurr[1:0]
•
Rm is configured by Rm[6:0]
•
Speed is variable based motor’s open loop acceleration profile
•
Kt is configured by Kt[6:0]
(2)
Figure 18. Motor Start-Up Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com