Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 25Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 26Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 27Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 28Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 29Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 30Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 31Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 32Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The LM97600 is a versatile A/D Converter with an innovative architecture permitting very high speed operation.
The controls available ease the application of the device to circuit solutions. Optimum performance requires
adherence to the provisions discussed here and in the Applications Information section.
OVERVIEW
The LM97600 uses a calibrated folding and interpolating architecture that achieves 7.0 effective bits at sampling
rates up to 5.0 GS/s.
One clock input serves all converters. Special clock duty-cycle correction and alignment circuitry plus a high-
bandwidth input signal MUX allows the user to operate the four converters in the following three configurations:
•
Four converters operated independently (Input 1 to Channel A, Input 2 to Channel C, etc.)
•
Two groups of two converters interleaved into two independent channels (Input 1 or 2 to Channel A+C; and
Input 3 or 4 to Channel B+D)
•
Four converters interleaved into one channel with one input
Channel labels A, B, C, D indicate the time-order of sampling by the four converters when interleaved. Note that
each of the four ADCs is made up of two interleaved sub-ADCs, for a total of eight sub-ADCs. The outputs of
these sub-ADCs must be interleaved at the receiver in the proper order to re-create the sampled data sequence.
The digital output samples are 8B/10B encoded and serialized before being driven out at a maximum of 5-Gbps
per lane. Each 7 or 8 bit sample (see below for explanation of sample size) is encoded to a 10-bit, dc-balanced
word, and mapped to output lanes 1 to 10 in succession. Encoding and mapping is independent of whether the
device is operating as a single, dual, or quad ADC.
Selective Truncation
Each of the eight interleaved sub-ADCs digitizes its analog input to 8-bit resolution at a rate equal to 1/4th the
input clock rate (or 1/8th the fully-interleaved sample rate). The output of each sub-ADC is then truncated to 7-
bits for three out every eight consecutive samples. In a truncated sample the least-significant-bit (LSB) is forced
to zero.
Table 1. Truncation Pattern
Sample Number
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7
LSB Truncated
X
X
X
Digital Word Size
8
8
7
8
7
8
8
7
Each of the eight sub-ADCs has its own divide-by-N (N=26) counter incrementing once every clock cycle. The
fixed truncation pattern shown above repeats continuously, but is delayed by one clock cycle every time the
counter reaches a pre-programmed value. The value that causes the pattern to delay is unique for each sub-
ADC, which reduces the occurrence of long, contiguous sequences of truncated words. Data is not truncated
when the pattern is delayed.
For N=26, there are (5/8 * 26) = 16.25 non-truncated words every 27 samples. On average this equates to (16.25
/ 27) = 0.601 (rounded to 0.6) valid bits in the LSB position at the interleaved sample rate.
The initial value of each of the eight counters is determined at power-up through a combination of random noise
and part-to-part process variation. Since each sub-ADC truncates its data at unpredictable points in time, it is not
possible to under-sample the output data stream at pre-determined instants to obtain only non-truncated data.
Table 2. Example Truncation Pattern With Delay
Sample Number
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Divide by N count
18
19
20
21
22
23
24
25
0
1
2
3
4
5
6
7
8
9
Delay triggered
X
LSB truncated
X
X
X
X
X
X
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com