Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 52 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 52 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 48Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 49Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 50Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 51Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 52Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 53Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 54Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 55Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
Table 29. Serial Config 2
Addr: 12h (1 0010b)
POR state: 0000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
TT1[5:0]
TT0[9:0]
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bits15:10
Test Table 1 (Lower 6 LSBits)
These bits set the lower 6 least significant bits of Test Lookup Table 1.
Bits 9:0
Test Table 0
These bits set the 10 bits of Test Lookup Table 0.
Table 30. Serial Config 3
Addr: 13h (1 0011b)
POR state: 0000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
Res
DTP
TT2[9:0]
TT1[9:6]
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit 15
Reserved
Must be set to 0b.
Bit 14
Disable Training Pattern
When set to 1b, the SYNC pin will not put the encoder in training pattern mode. Useful to allow reading of divide-by-4 counter
state using SYNC pin without putting the part into training mode.
Bits 13:4
Test Table 2
These bits set the 10 bits of Test Lookup Table 2.
Bits 3:0
Test Table 1 (Upper 4 MSBits)
These bits set the 4 most significant bits of Test Lookup Table 1.
Table 31. Serial Config 4
Addr: 14h (1 0100b)
POR state: 4000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
FT
PDO
SPD
TT3[9:0]
POR
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit 15
Force Test
Forces 8B10B encoders to enter Test Table mode during chip calibration (forces TestMode[2] high).
With Test Table values set to all zeros, this should create less noise during calibration.
Bit 14
Power Down Over-Range
When set to 1b, powers down the two over-range output pairs.
Bit 13
Short Circuit Protection Disable
When set to 1b, disables the serial output driver short circuit protection.
Bits 12:10
Test Mode
Configures the serial output test modes as follows:
000 = Normal ADC mode
001 = LFSR — all lanes same
010 = LFSR — all lanes different, offset = 10 bits lane to lane
011 = LFSR — all lanes different, offset = 50 bits lane to lane
For the LFSR offsets, lane_n(t) will have the same pattern as lane_n+1(t+offset)
100 = Table Mode 0
101 = Table Mode 1
In Table Mode 0, each 10 bit data value is output from MSb to LSb and all the inputs are output in the
order Test Table 0 to Test Table 3. In addition, the TestLane[9:0] settings allow individual lanes to be
disabled, by setting the appropriate TestLane[n] bit = 1.
In Table Mode 1 the TestLane[9:0] values select one of two sequences to be output on each lane. If
TestLane[n] = 0, the lane outputs data from Test Table 0 and Test Table 1. If TestLane[n]=1, the lane
outputs data from Test Table 2 and Test Table 3.
110 = Unused
111 = Unused
52
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com