Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 26Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 27Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 28Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 29Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 30Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 31Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 32Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 33Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
Calibration
A calibration is performed upon power-up and can also be invoked by the user upon command. Calibration trims
the INx and CLK input differential termination resistors and minimizes full-scale error, offset error, DNL and INL,
resulting in maximizing SNR, THD, SINAD (SNDR) and ENOB. Internal bias currents are also set with the
calibration process. All of this is true whether the calibration is performed upon power up or is performed upon
command. Running the calibration is an important part of this chip's functionality and is required in order to obtain
adequate performance. In addition to the requirement to be run at power-up, calibration must be re-run by the
user whenever the input Full Scale Range is changed significantly. For best performance, we recommend an on
command calibration be run after initial power up and the device has reached a stable temperature. Also, we
recommend that an on command calibration be run whenever the operating temperature changes significantly
relative to the specific system performance requirements.
In normal operation, calibration is performed just after application of power and whenever a valid calibration
command is given, which is holding the CAL pin low for at least 80 input clock cycles, then hold it high for at
least another 80 input clock cycles. The time taken by the calibration procedure is specified in the A.C.
Characteristics table. Holding the CAL pin high during power up will prevent the calibration process from running
until the CAL pin experiences the above-mentioned 80 input clock cycles low followed by 80 cycles high.
The CAL bit does not reset itself to zero automatically, but must be manually reset before another calibration
event can be initiated. If no further calibration event is desired, the CAL bit may be left high indefinitely, with no
negative consequences.
Acquiring the Input
Depending on operating mode, data is acquired at the rising, or both the rising and falling edges of CLK and the
digital equivalent of that data is available in the serialized data stream 38 to 42 input clock cycles later.
The LM97600 will convert as long as the input clock signal is present. The fully differential comparator design
and the innovative design of the sample-and-hold amplifier, together with calibration, enables very good
SINAD/ENOB response beyond 1.5 GHz. The LM97600 output data signaling is serialized LVDS and the data is
encoding is offset binary.
Configuration and Control
The LM97600 configuration and control is achieved via a number of logic input pins in combination with a
number configuration registers accessed via a serial interface. For more details refer to the DEVICE CONTROL
section.
The Analog Inputs
The LM97600 must be driven with a differential input signal. Operation with a single-ended signal is not
recommended as performance will suffer. It is important that the input signals are either a.c. coupled to the inputs
(Configuration Register 1 Bit 5 = 0), or d.c. coupled (Configuration Register 1, Bit 5 = 1). An input common mode
voltage equal to the VCMO output must be provided when d.c. coupling is used.
The full-scale input range for each converter can be set to values between 560 mVP-P and 840 mVP-P through the
serial interface. See THE ANALOG INPUT.
Clocking
The LM97600 sampling clock (CLK+/CLK-) must be driven with an a.c. coupled, differential clock signal. The
THE SAMPLE CLOCK INPUT section describes the use of the clock input pins.
The sampling clock CLK has duty cycle correction as part of its circuit. This circuitry allows the ADC to be
clocked with a signal source having a duty cycle of 70 to 30 % (worst case).
The LVDS Outputs
The data outputs (DS#) and Out Of Range (ORAC, ORBD) are LVDS. The differential output voltage swing is set
via the Output Voltage Select setting in Serial Config 1, Bits 11:10. The default setting of 400 mVp-p should work
for typical short distance interfaces. If large swings are necessary to compensate for additional distance, noise
pickup, etc., the output swing can be set as high as 800 mVp-p with a slight increase in device power
consumption.
30
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com