Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 3Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 4Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 5Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 6Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 7Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 8Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 9Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 10Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
PIN DESCRIPTIONS and EQUIVALENT CIRCUITS (continued)
Pin No.
Symbol
Equivalent Circuit
Description
N3, N4, P3,
P4, R3, R4,
Analog power supply pins
T3, T4, U3,
VA
(Power) - Bypass these pins to ground.
V2, W1,
W2, Y1, Y2
A6, A17,
A19, C6,
Output Driver power supply pins
VO
V6, Y6,
(Power ) - Bypass these pins to ground.
Y17, Y19
L3, L4, M3,
2.5V power supply pins
V25
M4
(Power) - Bypass these pins to ground.
C1, D2, G2,
H3, J3, J4,
Track and Hold power supply pins
K2, K3, K4,
VTH
(Power) - Bypass these pins to ground.
L2, P2, U2,
V1
C2, C3, C4,
Clock power supply pins
VC
C5, D4, D5
(Power) - Bypass these pins to ground.
A1, A4,
A18, A20,
B1, B2, B3,
B4, B6, D1,
D6, E2, E4,
F2, G1, G4,
H2, H4,
H8–H13,
J2, J8–J13,
K1,
GND
(Gnd) - Ground return for all supplies.
K8–K13, L1,
L8–L13,
M2,
M8–M13,
N2,
N8–N13,
P1, R2, T2,
U1, U6, W6,
Y18, Y20
F4
DNC
Do Not Connect to Any Circuitry, Power or Ground Signals
A7–A16,
B7–B20,
C7–C20,
D7–D20,
E17, E18,
F17, F18,
G17, G18,
H17, H18,
J17, J18,
K17, K18,
L17, L18,
NC
No Connection Make no connection to these pins
M17, M18,
N17, N18,
P17, P18,
R17, R18,
T17, T18,
U5,
U7–U20,
V7–V20,
W7–W20,
Y7–Y16
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com