Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 48 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 44Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 45Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 46Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 47Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 48Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 49Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 50Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 51Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
Table 19. Channel C Full Scale Range Setting(1)
Addr: 08h (0 1000b)
POR state: 8000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
FM
Res
POR
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(1)
Note: The Full Scale Range registers for each of the four ADCs must be written consistent with the ADC Mode and Input Select settings
Bits 15:7
Full Scale Range Magnitude Setting
These 9 bits set the addressed ADC channel full scale range as follows:
0d = 560 mV pk-pk
255d = 700 mV pk-pk (default)
511d = 840 mV pk-pk
Bits 6:0
Reserved
Must be set to 000 0000b.
Table 20. Channel C Offset Setting(1)
Addr: 09h (0 1001b)
POR state: 0000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
OM
OP
Res
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(1)
Note: The Offset registers for each of the four ADCs must be written consistent with the ADC Mode and Input Select settings
Bits 15:7
Offset Magnitude
These 9 bits set the addressed ADC channel offset as follows:
0d = 0 mV
255d = 20 mV
511d = 45 mV
Bit 6
Offset Polarity
When set to 0b, the addressed ADC channel offset is positive. (ADC output code increases). When set
to 1b, the addressed ADC channel offset is negative. (ADC output code decreases).
Bits 5:0
Reserved
Must be set to 000000b
Table 21. Channel D Full Scale Range Setting(1)
Addr: 0Ah (0 1010b)
POR state: 8000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
FM
Res
POR
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(1)
Note: The Full Scale Range registers for each of the four ADCs must be written consistent with the ADC Mode and Input Select settings
Bits 15:7
Full Scale Range Magnitude Setting
These 9 bits set the addressed ADC channel full scale range as follows:
0d = 560 mV pk-pk
255d = 700 mV pk-pk (default)
511d = 840 mV pk-pk
Bits 6:0
Reserved
Must be set to 000 0000b
48
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com