Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 36Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 37Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 38Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 39Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 40Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 41Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 42Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 43Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
Power Down Feature
The Power Down pin (PD) allows the LM97600 to be entirely powered down. See Power Down Feature for
details on the power down feature.
The digital data (+/-) output pins are put into a high impedance state when the PD pin is high. Upon return to
normal operation, the pipeline will contain meaningless information and must be flushed.
If the PD input is brought high while a calibration is running, the device will not go into power down until the
calibration sequence is complete. However, if power is applied and PD is concurrently high, the device will not
begin the calibration sequence until the PD input goes low. If a manual calibration is requested while the device
is powered down, the calibration will not begin at all. That is, the manual calibration input is completely ignored in
the power down state.
THE DIGITAL OUTPUTS
The LM97600 output data is transmitted on 10 high speed serial data lanes. The output data from the four
internal converters is formatted to the 10 lanes, 8b10b encoded, and serialized. Examining the resulting data
rates, we have: 5 Gigasamples/sec x 8 bits = 40 Gigabits/second.
8b10b encoding adds a 10/8 overhead, resulting in a net data rate of 50 Gigabits/second.
The serial output data clock rate is therefore the same as the total aggregate ADC sampling rate (5
Gigasamples/sec gives 5 Gigabits/sec on each of the 10 lanes).
The ADC data is encoded in Offset Binary. Accordingly, a full-scale input level with VIN+ positive with respect to
VIN− will produce an output code of all ones, a full-scale input level with VIN− positive with respect to VIN+ will
produce an output code of all zeros and when VIN+ and VIN− are equal, the output code will be 128.
POWER CONSIDERATIONS
A/D converters draw sufficient transient current to corrupt their own power supplies if not adequately bypassed. A
33 µF capacitor should be placed within an inch (2.5 cm) of the A/D converter power pins for each supply
voltage. A 0.1 µF capacitor should be placed as close as possible to each supply pin, preferably within one-half
centimeter. Leadless chip capacitors are preferred because they have low lead inductance.
As is the case with all high speed converters, the LM97600 should be assumed to have little power supply noise
rejection. Any power supply used for digital circuitry in a system where a lot of digital power is being consumed
should not be used to supply power to the LM97600. The ADC supplies should be the same supply used for
other analog circuitry, if not a dedicated supply.
Supply Voltage
The LM97600 is specified to operate with nominal supply voltages of 1.2V (VA, VTH, VC) and 2.5V (V25, VO). For
detailed information regarding the operating voltage minimums and maximums, refer to the Operating Ratings
section. It is very important to note that, while this device will function with slightly higher supply voltages, these
higher supply voltages may reduce product lifetime.
During Power-up, the voltage on all 2.5V supplies should always be equal to, or greater than the voltage on the
1.2V supplies. Similarly, during Power-down, the voltage on the 1.2V supplies should always be equal to or lower
than that of the 2.5V supplies. In general, it is simplest to supply all 2.5V buses from a single regulator, and all
1.2V buses from a single regulator. If the 1.2V buses are generated from separate regulators, they should all rise
and fall together, or the user should ensure that the VC≥VA≥VTH during power up.
No pin should ever have a voltage on it that is in excess of the supply voltage or below ground by more than 150
mV, not even on a transient basis. This can be a problem upon application of power and power shut-down. Be
sure that the supplies to circuits driving any of the input pins, analog or digital, do not come up any faster than
does the voltage at the LM97600 power pins.
The Absolute Maximum Ratings should be strictly observed, even during power up and power down. A power
supply that produces a voltage spike at turn-on and/or turn-off of power can destroy the LM97600. Please refer
to the documentation provided with the LM97600RB reference board for specific guidance on voltage regulators
and power sequencing.
40
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com