Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 29Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 30Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 31Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 32Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 33Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 34Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 35Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 36Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
The ADC Mode (Quad/Dual/Single) does not change the mapping arrangement. Data is always mapped in the
above fashion. The mapped data is then 8b10b encoded and output on the 10 serial lanes. The 8b10b encoding
provides a number of specific benefits:
•
Standard encoding format, so IP is readily available in off-the-shelf FPGAs and ASIC building blocks
•
Inherent DC balance allows AC coupling of lanes with small on-chip capacitors
•
Inherent error checking
SYNC
The SYNC input is a differential LVDS logic input. To assert the SYNC input, a differential 1 is applied. To de-
assert SYNC a differential 0 must be applied. SYNC+/
− has an internal 100 ohm termination resistor and must
not be AC coupled.
Serial Data Training Sequence
The SYNC input performs two key functions. The primary function, discussed here, is to enable the output of the
serial data training pattern. This pattern is necessary to allow downstream deserializer circuitry to correctly
synchronize to the output data stream. Synchronization involves clock recovery as well as data word and frame
boundary location. Once this synchronization is established, the ADC can transition to outputting normal ADC
data. The SYNC input signal, when asserted, causes the ADC to begin outputting the training sequence. The
sequence is 8 characters long, twice the length of a data frame. The sequence is repeated indefinitely while the
SYNC input is asserted and is output on all 10 lanes simultaneously. The sequence follows below:
Table 5. Serial Data Training Sequence
Word
0
1
2
3
4
5
6
7
Character
K27.7
D5.6
K28.5
D5.6
K28.5
D5.6
K28.5
D5.6
K27.7 is a start symbol to help identify the start of frame. K28.5 is a comma symbol for alignment. D5.6 is a data
symbol with a lot of transitions to assist with bit alignment. When SYNC is de-asserted, an incomplete sync
frame will complete before outputting the first data frame.
Multiple ADC Synchronization
The second function for the SYNC input, is to facilitate the precise synchronization of multiple ADCs in a system.
The LM97600 input clock is internally process through a counter which creates a CLK/4 internal clocking system
fed to the 4 internal ADCs. To ensure synchronization between multiple LM97600 devices in a system, it is
important to align the CLK/4 counters in the multiple ADCs to the same divide by four state. The multiple ADC
synchronization features facilitate that process.
When SYNC is asserted, it is captured by the internal CLK signal and the state of the internal CLK/4 counter at
that instant is loaded in to bits-6:5 of the SYNC register. If the CLK and SYNC signals are fed into multiple
LM97600 at the same time, the relative state of the internal CLK/4 counters can be captured.
Once the relative CLK/4 states are known, it is then desired to adjust the phase of some of the LM97600 devices
until all CLK/4 counters are in the same state. Setting Configuration Register 4, bit-1 bumps or swallows one
input clock, causing the CLK/4 counter to shift one later with respect to other devices. Each time this bit is
changed from 0 to 1, the ADC will swallow one input clock, so it is a straightforward task to shift the CLK/4
counters until they are aligned.
One key challenge to making all of this work is ensuring that the SYNC inputs are captured by the input CLK in a
repeatable fashion. There are two key elements to ensuring this. First, the SYNC input must be created so that it
is synchronous to the input CLK, with a frequency relationship that is an integer multiple of CLK/4 (ie. CLK/8,
CLK/12, CLK/16, etc.) and a repeatable and fixed phase offset. Once this constraint is achieved it is easier to
capture it in a repeatable fashion. To further ease this task, the SYNC pulse is routed through a user adjustable
delay set via bits 15:7 of the SYNC register. This eases the timing requirements with respect to the input CLK
signal. As long as the SYNC pulse has a fixed timing relationship to the CLK rising edge, the internal delay can
be used to maximize the setup and hold times between the internally delayed SYNC, and the internal CLK
signal. These timing relationships are detailed in Figure 4 of the Timing Diagrams. The SYNC pulse must be of a
minimum width and its delayed assertion edge must observe setup and hold times with respect to the internal
CLK rising edge. Repetitive assertion of SYNC, and read back of the CLK/4 counter state will indicate if the
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com