Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 6Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 7Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 8Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 9Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 10Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 11Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 12Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 13Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics (continued)
The following specifications apply after calibration for VA = VTH = VC = +1.2VDC, VO = V25 = +2.5VDC, VIN FSR (a.c. coupled) =
Default ECM setting, CL = 10 pF, Differential a.c. coupled Sinewave Input Clock, fCLK = 2.5 GHz at 0.5VP-P with 50% duty
cycle, REXT = 3600Ω ±0.1%, RTRIM = 3600Ω ±0.1%, Analog Signal Source Impedance = 100Ω Differential, after calibration.
Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1)(2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
Single ADC Mode (FS = 2 x FCLK)
fIN =248 MHz, VIN = FSR − 0.5 dB
6.6
Bits
ENOB
Effective Number of Bits
fIN = 998 MHz, VIN = FSR − 0.5 dB
6.4
5.8
Bits (min)
fIN =248 MHz, VIN = FSR − 0.5 dB
42
dB
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 998 MHz, VIN = FSR − 0.5 dB
40.5
36.5
dB (min)
fIN = 248MHz, VIN = FSR − 0.5 dB
42.5
dB
SNR
Signal-to-Noise Ratio
fIN = 998 MHz, VIN = FSR − 0.5 dB
41.0
37.0
dB (min)
fIN = 248 MHz, VIN = FSR − 0.5 dB
−49
dB
THD
Total Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−50
−46.5
dB (max)
fIN = 248 MHz, VIN = FSR − 0.5 dB
−50
dB
2nd Harm
Second Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−60
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
−51
dB
3rd Harm
Third Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−50
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
50
dB
SFDR
Spurious-Free dynamic Range
fIN = 998 MHz, VIN = FSR − 0.5 dB
49
41.5
dB (min)
Dual ADC Mode (FS = FCLK)
fIN =248 MHz, VIN = FSR − 0.5 dB
6.7
Bits
ENOB
Effective Number of Bits
fIN = 998 MHz, VIN = FSR − 0.5 dB
6.5
5.9
Bits (min)
fIN =248 MHz, VIN = FSR − 0.5 dB
42.5
dB
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 998 MHz, VIN = FSR − 0.5 dB
41.1
37.1
dB (min)
fIN = 248MHz, VIN = FSR − 0.5 dB
43.8
dB
SNR
Signal-to-Noise Ratio
fIN = 998 MHz, VIN = FSR − 0.5 dB
41.7
37.7
dB (min)
fIN = 248 MHz, VIN = FSR − 0.5 dB
−50
dB
THD
Total Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−50
−45.7
dB (max)
fIN = 248 MHz, VIN = FSR − 0.5 dB
−50
dB
2nd Harm
Second Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−60
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
−51
dB
3rd Harm
Third Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−50
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
50
dB
SFDR
Spurious-Free dynamic Range
fIN = 998 MHz, VIN = FSR − 0.5 dB
49
41.5
dB (min)
Quad ADC Mode (FS = FCLK / 2)
fIN =248 MHz, VIN = FSR − 0.5 dB
6.7
Bits
ENOB
Effective Number of Bits
fIN = 998 MHz, VIN = FSR − 0.5 dB
6.6
Bits
fIN =248 MHz, VIN = FSR − 0.5 dB
42.6
dB
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 998 MHz, VIN = FSR − 0.5 dB
41.5
dB
fIN = 248MHz, VIN = FSR − 0.5 dB
43.2
dB
SNR
Signal-to-Noise Ratio
fIN = 998 MHz, VIN = FSR − 0.5 dB
42.1
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
−50
dB
THD
Total Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−50
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
−51
dB
2nd Harm
Second Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−60
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
−49
dB
3rd Harm
Third Harmonic Distortion
fIN = 998 MHz, VIN = FSR − 0.5 dB
−48
dB
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com