Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 37Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 38Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 39Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 40Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 41Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 42Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 43Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 44Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Cross Section Line
IC Die
Not to Scale
Mold Compound
Copper Heat Slug
Substrate
4JC_2
4JC_1
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
Thermal Management
The LM97600 is capable of impressive speeds and performance at very low power levels for its speed. However,
the power consumption is still high enough to require attention to thermal management. The Thermally Enhanced
BGA package has 2 primary heat transfer paths. The copper heat slug mounted to the top of the substrate, and
exposed in the center top of the package is the first path. The thermal resistance of this path is referred to as
θJC_1. The other main heat path is via the center group of ground balls on the bottom of the package. The
thermal resistance of this path is provided as
θJC_2. In most applications, the center ground balls will form the
primary thermal path.
Figure 45. HSBGA Conceptual Drawing
For reliability reasons, the die temperature should be kept to a maximum of 130°C. That is, TA (ambient
temperature) plus ADC power consumption times the net
θJA (junction to ambient thermal resistance) should not
exceed 130°C. This is not a problem if the ambient temperature is kept to a maximum of +85°C as specified in
the Operating Ratings section and the center ground balls on the bottom of the package are thermally connected
to a large enough copper area of the PC board.
Please note that the following are general recommendations for mounting Thermally Enhanced BGA devices
onto a PCB. This should be considered the starting point in PCB and assembly process development. It is
recommended that the process be developed based upon past experience in package mounting.
The package of the LM97600 has a central group of ground balls that provide the primary heat removal path as
well as excellent electrical grounding to the printed circuit board. The land pattern design for attachment to the
PCB should be as recommended for the conventional BGA package (per AN-1126), but the center balls should
be connected to internal ground planes to remove the maximum amount of heat from the package, as well as to
ensure best product parametric performance.
To minimize junction temperature, it is recommended that a simple heat sink be built into the PCB. This is done
by including a copper area of about 2 square inches (6.5 square cm) on the opposite side of the PCB. This
copper area may be plated or solder coated to prevent corrosion, but should not have a conformal coating, which
could provide some thermal insulation. Thermal vias should be used to connect these top and bottom copper
areas. These thermal vias act as "heat pipes" to carry the thermal energy from the device side of the board to the
opposite side of the board where it can be more effectively dissipated. The use of 9 to 16 thermal vias is
recommended.
LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are essential to ensure accurate conversion. A single ground
plane should be used, instead of splitting the ground plane into analog and digital areas.
Since digital switching transients are composed largely of high frequency components, the skin effect tells us that
total ground plane copper weight will have little effect upon the logic-generated noise. Total surface area is more
important than is total ground plane volume. Coupling between the typically noisy digital circuitry and the
sensitive analog circuitry can lead to poor performance that may seem impossible to isolate and remedy. The
solution is to keep the analog circuitry well separated from the digital circuitry.
High power digital components should not be located on or near any linear component or power supply trace or
plane that services analog or mixed signal components as the resulting common return current path could cause
fluctuation in the analog input “ground” return of the ADC, causing excessive noise in the conversion result.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com