Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 30Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 31Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 32Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 33Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 34Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 35Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 36Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 37Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
reading is repeatable or not. If the reading is not repeatable, the setup and hold time between SYNC and CLK is
not being reliably met. To find the proper delay setting, the Delay value can be adjusted from minimum to
maximum while applying SYNC and reading the CLK/4 state. This will allow the range of delay settings where
the CLK/4 reading is stable to be found. The Delay value at the center of the stable range should be loaded as
the final Delay setting.
By default, asserting the SYNC input enables the output of the serial data training pattern. In some instances (as
when performing the multi-ADC synchronization steps above) it is not desired to output the training pattern every
time. The Disable Training Pattern bit in Serial Config 3 (Register 13h, Bit 14) allows the encoder to continue
outputting normal ADC data when SYNC is applied.
The SYNC input should NOT be asserted while the calibration process is running (while CalRun is high). Doing
so could cause a glitch in the digital circuitry, resulting in corruption and invalidation of the calibration.
TEST PATTERNS
ADC Test Patterns
To aid in system debug, the LM97600 has the capability of providing a test pattern at the output of each internal
ADC completely independent of the input signal. The test pattern is selected by setting bit-3 (ADC Test Pattern
Mode Select) in Configuration Register 1 (address 01h). The test pattern sequence can be controlled via the
16–Bit Test Pattern Register (0Dh). This pattern register sets the sequence of Low Code/High Code data values
output by the internal ADCs. See the description for the 16–Bit Test Pattern (0Dh) settings for more details.
The ADC Test Pattern data is mapped into frames and 8b10b encoded in the same manner as normal ADC data.
Serializer Test Patterns
The serializer test patterns are output directly by the serializers, and are not passed through the 8b10b encoder.
This allows direct control over specific types of test information. Two different types of serializer test patterns are
provided, as selected at Serial Config 4 (Register 14h, Bits 12:10).
The LFSR Modes provide pseudo-random sequences which can be used to debug data channel performance
issues, bit errors, etc. The LFSR patterns begin with two fixed symbols, followed by 62 pseudo-random symbols,
for a total of 64 symbols. Different LFSR modes allow all lanes to start simultaneously, or offset by either 10 or
50 bits (1 or 5 symbols).
Table 6. LFSR Test Pattern
K28.5
K28.5/K28.7
LFSR Pseudo Random Data
64 symbols total length
The Table Modes provide a user selected sequence of symbols that can be arbitrarily loaded to create any
necessary fixed data pattern. This can be used to create static 1 or 0 values, or other patterns as needed. Two
Table Modes exist. Table Mode 0 provides a user-set 4–symbol pattern that is output simultaneously on as many
lanes as desired. Lanes can be disabled on a per-lane basis as needed.
Table 7. Table Test Mode 0
Test Lane (n) Setting
Lane (n) Data Output
0
Logic 0
Logic 0
Logic 0
Logic 0
1
Test Table 0
Test Table 1
Test Table 2
Test Table 3
Table Mode 1 provides two user-set 2–symbol patterns. The user can choose on a per-lane basis which of the
two patterns are output. The specific symbols are loaded via Test Table 0 to Test Table 3 in Registers 12h, 13h,
14h. The specific per-lane enable/disable or pattern choices are set via Serial Config 1, Test Lane (Register 11h,
Bits 9:0).
Table 8. Table Test Mode 1
Test Lane (n) Setting
Lane (n) Data Output
0
Test Table 0
Test Table 1
1
Test Table 2
Test Table 3
34
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com