Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 46 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 46 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 42Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 43Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 44Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 45Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 46Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 47Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 48Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 49Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
Table 13. Configuration Register 2
Addr: 02h (0 0010b)
POR state: 0530h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
CAL
STV
Res
POR
0
0
0
0
0
1
0
1
0
0
1
1
0
0
0
0
Bit 15
Initiate CALibration
When this bit is set to 1b, an on-command calibration is initiated. This bit is not reset automatically upon
completion of the calibration. Therefore, the user must reset this bit to 0b and then set it to 1b again to
execute another calibration. This bit is logically OR'd with the CAL pin, both bit and pin must be set to 0
before either is used to initiate another calibration
Bit 14
Select Termination Value
When this bit is set to 0b (default) the analog and clock input terminations are set to 100 ohms. When
this bit is set to 1b, the analog and clock input terminations are set to 150 ohms. In either case, the
external Rtrim resistor value must be 3.6k ohms ±0.1%.
Bits 13:0
Reserved
Must be set to 00 0101 0011 0000b.
Table 14. Calibration Configuration
Addr: 03h (0 0011b)
POR state: F580h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
Res
RTE
Res
SSC
Res
POR
1
1
1
1
0
1
0
1
1
0
0
0
0
0
0
0
Bits 15:13
Reserved
Must be set to 111b.
Bit 12
Resistor Trim Enable
When set to 1b, the input termination resistor values are calibrated normally. When set to 0b, the input
termination resistor values are not calibrated.
Bits 11:6
Reserved
Must be set to 00 0000b.
Bit 5
SPI Scan Control
When set to 1b this bit enables the readout and writeback of the SPI calibration coefficient vector,
accessed via Register 0Eh.
Bits 4:0
Reserved
Must be set to 0 0000b.
Table 15. Channel A Full Scale Range Setting(1)
Addr: 04h (0 0100b)
POR state: 8000h
Bit
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
FM
Res
POR
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(1)
Note: The Full Scale Range registers for each of the four ADCs must be written consistent with the ADC Mode and Input Select settings
Bits 15:7
Full Scale Range Magnitude Setting
These 9 bits set the addressed ADC channel full scale range as follows:
0d = 560 mV pk-pk
255d = 700 mV pk-pk (default)
511d = 840 mV pk-pk
Bits 6:0
Reserved
Must be set to 000 0000b.
46
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com