Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 7Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 8Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 9Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 10Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 11Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 12Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 13Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 14Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
Converter Electrical Characteristics (continued)
The following specifications apply after calibration for VA = VTH = VC = +1.2VDC, VO = V25 = +2.5VDC, VIN FSR (a.c. coupled) =
Default ECM setting, CL = 10 pF, Differential a.c. coupled Sinewave Input Clock, fCLK = 2.5 GHz at 0.5VP-P with 50% duty
cycle, REXT = 3600Ω ±0.1%, RTRIM = 3600Ω ±0.1%, Analog Signal Source Impedance = 100Ω Differential, after calibration.
Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1)(2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
fIN = 248 MHz, VIN = FSR − 0.5 dB
49
dB
SFDR
Spurious-Free dynamic Range
fIN = 998 MHz, VIN = FSR − 0.5 dB
48
dB
ANALOG INPUT AND REFERENCE CHARACTERISTICS
mVP-P
490
(min)
Min FSR Setting
560
mVP-P
610
(max)
VIN
Full Scale Analog Differential Input Range
mVP-P
760
(min)
Max FSR Setting
850
mVP-P
930
(max)
Differential
0.08
pF
CIN
Analog Input Capacitance(5)
Each input pin to ground
2.2
pF
94
Ω (min)
RIN
Differential Input Resistance
100
107
Ω (max)
ANALOG OUTPUT CHARACTERISTICS(VCMO, VBG)
1.16
V (min)
VCMO
Common Mode Output Voltage
ICMO = ±100 µA
1.26
1.36
V (max)
Common Mode Output Voltage Temperature
TC VCMO
TA = −40°C to +85°C
(6)
118
ppm/°C
Coefficient
CLOAD
Maximum VCMO load Capacitance
See (7)
80
pF (min)
VCMO
1.0
V (min)
VBG
Bandgap Reference Output Voltage
IBG = ±100 µA
1.1
1.2
V (max)
TA = −40°C to +85°C,
TC VBG
Bandgap Reference Voltage Temperature Coefficient
28
ppm/°C
IBG = ±100 µA
(6)
CLOAD VBG Maximum Bandgap Reference load Capacitance
See (7)
80
pF (min)
TEMPERATURE DIODE CHARACTERISTICS
192 µA vs. 12 µA,
71.23
mV
TJ = 25°C
ΔVBE
Temperature Diode Voltage
192 µA vs. 12 µA,
85.54
mV
TJ = 85°C
LVDS INPUT CHARACTERISTICS(CLK+/-, SYNC+/-)
VP-P
0.4
(min)
Sine Wave Clock
0.6
2.0
VP-P
(max)
VID
Differential Clock Input Level(8)
VP-P
0.4
(min)
Square Wave Clock
0.6
2.0
VP-P
(max)
Differential
0.02
pF
CIN
Input Capacitance(7)
Each input to ground
1.5
pF
(5)
This parameter is ensured by design and is not tested in production.
(6)
This parameter is ensured by design and/or characterization and is not tested in production.
(7)
This parameter is ensured by design and is not tested in production.
(8)
The digital control pin capacitances are die capacitances only. Additional package capacitance of 1.6 pF each pin to ground are isolated
from the die capacitances by lead and bond wire inductances.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com