Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM97600CIUT/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LM97600CIUT/NOPB
Description  High Performance, Low Power A/D
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600CIUT/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM97600CIUT/NOPB Datasheet HTML 28Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 29Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 30Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 31Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 32Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 33Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 34Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 35Page - Texas Instruments LM97600CIUT/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
8-BIT
ADC_C
8b10b
Encoder
8-BIT
ADC_D
Data
Serializer
8
8
8-BIT
ADC_A
8-BIT
ADC_B
Data Bus Output
10 Lanes
High Speed Serial
Lane 9
Lane 10
Lane 8
Lane 7
Lane 6
Lane 5
Lane 4
Lane 3
Lane 2
Lane 1
8
8
8 to 10
Lane
Mapping
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
SERIAL OUTPUT DATA FORMATTING
ADC data is generated by the 4 internal ADCs. Each ADC generates a current and a delayed (sampled earlier in
time) sample. For exampled, converter A outputs a normal A sampled, and an Ad delayed sample
simultaneously. The outputs of all 4 converters (4 current and 4 delayed samples) are transferred to 8b10b
encoder blocks. To keep the sampling clock and output data clock operating at the same frequency, it is easiest
to have 10 lanes of data output . To accomplish this, the ADC output data is mapped into a frame which is 4
samples long and 10 lanes wide. This mapping function is performed before 8b10b encoding and serialization.
Figure 40. ADC Data Flow
The mapping sequence is shown below:
Table 4. Output Data Mapping
Lane
Word 1
Word 2
Word 3
Word 4
Word 5
Frame 1
Frame 2...
1
Ad_1
Cd_2
A_3
C_4
Ad_6
2
Bd_1
Dd_2
B_3
D_4
Bd_6
3
Cd_1
A_2
C_3
Ad_5
Cd_6
4
Dd_1
B_2
D_3
Bd_5
Dd_6
5
A_1
C_2
Ad_4
Cd_5
A_6
6
B_1
D_2
Bd_4
Dd_5
B_6
7
C_1
Ad_3
Cd_4
A_5
C_6
8
D_1
Bd_3
Dd_4
B_5
D_6
9
Ad_2
Cd_3
A_4
C_5
Ad_7
10
Bd_2
Dd_3
B_4
D_5
Bd_7
32
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com