Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 29Page - Texas Instruments TMS320VC5510 Datasheet HTML 30Page - Texas Instruments TMS320VC5510 Datasheet HTML 31Page - Texas Instruments TMS320VC5510 Datasheet HTML 32Page - Texas Instruments TMS320VC5510 Datasheet HTML 33Page - Texas Instruments TMS320VC5510 Datasheet HTML 34Page - Texas Instruments TMS320VC5510 Datasheet HTML 35Page - Texas Instruments TMS320VC5510 Datasheet HTML 36Page - Texas Instruments TMS320VC5510 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Functional Overview
33
June 2000 − Revised July 2004
SPRS076J
Table 3−9. CPU Registers (Continued)
C54X
REGISTER
DESCRIPTION
WORD ADDRESS
(HEX)
VC5510
REGISTER
−
AC2L
24
−
AC2H
25
Accumulator 2
−
AC2G
26
Accumulator 2
−
CDP
27
Coefficient Data Pointer
−
AC3L
28
−
AC3H
29
Accumulator 3
−
AC3G
2A
Accumulator 3
−
DPH
2B
Extended Data Page Pointer
−
MDP05
2C
Reserved
−
MDP67
2D
Reserved
−
DP
2E
Memory Data Page Start Address
−
PDP
2F
Peripheral Data Page Start Address
−
BK47
30
Circular Buffer Size Register for AR[4−7]
−
BKC
31
Circular Buffer Size Register for CDP
−
BSA01
32
Circular Buffer Start Address Register for AR[0−1]
−
BSA23
33
Circular Buffer Start Address Register for AR[2−3]
−
BSA45
34
Circular Buffer Start Address Register for AR[4−5]
−
BSA67
35
Circular Buffer Start Address Register for AR[6−7]
−
BSAC
36
Circular Buffer Coefficient Start Address Register
−
BIOS
37
Data Page Pointer Storage Location for 128-word Data Table
−
TRN1
38
Transition Register 1
−
BRC1
39
Block Repeat Counter 1
−
BRS1
3A
Block Repeat Save 1
−
CSR
3B
Computed Single Repeat
−
RSA0H
3C
Repeat Start Address 0
−
RSA0L
3D
Repeat Start Address 0
−
REA0H
3E
Repeat End Address 0
−
REA0L
3F
Repeat End Address 0
−
RSA1H
40
Repeat Start Address 1
−
RSA1L
41
Repeat Start Address 1
−
REA1H
42
Repeat End Address 1
−
REA1L
43
Repeat End Address 1
−
RPTC
44
Repeat Counter
−
IER1
45
Interrupt Mask Register 1
−
IFR1
46
Interrupt Flag Register 1
−
DBIER0
47
Debug IER0
−
DBIER1
48
Debug IER1
−
IVPD
49
Interrupt Vector Pointer DSP
−
IVPH
4A
Interrupt Vector Pointer HOST
−
ST2_55
4B
Status Register 2 for C55x
−
SSP
4C
System Stack Pointer
−
SP
4D
User Stack Pointer
−
SPH
4E
Extended Data Page Pointer for the SP and the SSP
−
CDPH
4F
Main Data Page Pointer for the CDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com