| Electronic Components Datasheet Search |
|
TMS320VC5510 Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5510 Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 86 page ![]() Functional Overview 28 June 2000 − Revised July 2004 SPRS076J 3.2.2 Direct Memory Access (DMA) The 5510 DMA provides the following features: • Four standard ports, one for each of the following data resources: DARAM, SARAM, Peripherals, and External Memory • Six channels, which allow the DMA controller to track the context of six independent DMA channels • Programmable low/high priority for each DMA channel • One interrupt for each DMA channel • Event synchronization. DMA transfers in each channel can be dependent on the occurrence of selected events. • Programmable address modification for source and destination addresses • Dedicated Idle Domain allows the DMA controller to be placed in a low-power (idle) state under software control. • DMA controller supports EHPI accesses to internal/external memory The 5510 DMA controller allows transfers to be synchronized to selected events. The 5510 supports 14 separate sync events and each channel can be tied to separate sync events independent of the other channels. Sync events are selected by programming the SYNC field in the channel-specific DMA Channel Control Register (DMA_CCR). The sync events available on the 5510 are shown in Table 3−6. For more information on the 5510 DMA, see the TMS320VC5503/5507/5509/5510 DSP Direct Memory Access (DMA) Controller Reference Guide (literature number SPRU587). Table 3−6. DMA Sync Events SYNC FIELD IN DMA_CCR SYNC EVENT 00000b No sync event 00001b McBSP0 receive event (REVT0) 00010b McBSP0 transmit event (XEVT0) 00101b McBSP1 receive event (REVT1) 00110b McBSP1 transmit event (XEVT1) 01001b McBSP2 receive event (REVT2) 01010b McBSP2 transmit event (XEVT2) 01101b Timer 0 event 01110b Timer 1 event 01111b External Interrupt 0 10000b External Interrupt 1 10001b External Interrupt 2 10010b External Interrupt 3 10011b External Interrupt 4 10100b External Interrupt 5 Other values Reserved (do not use these values) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |