Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 37Page - Texas Instruments TMS320VC5510 Datasheet HTML 38Page - Texas Instruments TMS320VC5510 Datasheet HTML 39Page - Texas Instruments TMS320VC5510 Datasheet HTML 40Page - Texas Instruments TMS320VC5510 Datasheet HTML 41Page - Texas Instruments TMS320VC5510 Datasheet HTML 42Page - Texas Instruments TMS320VC5510 Datasheet HTML 43Page - Texas Instruments TMS320VC5510 Datasheet HTML 44Page - Texas Instruments TMS320VC5510 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
Functional Overview
41
June 2000 − Revised July 2004
SPRS076J
Table 3−17. Multichannel Serial Port #1 Registers
PORT ADDRESS
REGISTER NAME
DESCRIPTION
0x2C00
DRR21
McBSP 1 Data Receive Register 2
0x2C01
DRR11
McBSP 1 Data Receive Register 1
0x2C02
DXR21
McBSP 1 Data Transmit Register 2
0x2C03
DXR11
McBSP 1 Data Transmit Register 1
0x2C04
SPCR21
McBSP 1 Serial Port Control Register 2
0x2C05
SPCR11
McBSP 1 Serial Port Control Register 1
0x2C06
RCR21
McBSP 1 Receive Control Register 2
0x2C07
RCR11
McBSP 1 Receive Control Register 1
0x2C08
XCR21
McBSP 1 Transmit Control Register 2
0x2C09
XCR11
McBSP 1 Transmit Control Register 1
0x2C0A
SRGR21
McBSP 1 Sample Rate Generator Register 2
0x2C0B
SRGR11
McBSP 1 Sample Rate Generator Register 1
0x2C0C
MCR21
McBSP 1 Multichannel Control Register 2
0x2C0D
MCR11
McBSP 1 Multichannel Control Register 1
0x2C0E
RCERA1
McBSP 1 Receive Channel Enable Register Partition A
0x2C0F
RCERB1
McBSP 1 Receive Channel Enable Register Partition B
0x2C10
XCERA1
McBSP 1 Transmit Channel Enable Register Partition A
0x2C11
XCERB1
McBSP 1 Transmit Channel Enable Register Partition B
0x2C12
PCR1
McBSP 1 Pin Control Register
0x2C13
RCERC1
McBSP 1 Receive Channel Enable Register Partition C
0x2C14
RCERD1
McBSP 1 Receive Channel Enable Register Partition D
0x2C15
XCERC1
McBSP 1 Transmit Channel Enable Register Partition C
0x2C16
XCERD1
McBSP 1 Transmit Channel Enable Register Partition D
0x2C17
RCERE1
McBSP 1 Receive Channel Enable Register Partition E
0x2C18
RCERF1
McBSP 1 Receive Channel Enable Register Partition F
0x2C19
XCERE1
McBSP 1 Transmit Channel Enable Register Partition E
0x2C1A
XCERF1
McBSP 1 Transmit Channel Enable Register Partition F
0x2C1B
RCERG1
McBSP 1 Receive Channel Enable Register Partition G
0x2C1C
RCERH1
McBSP 1 Receive Channel Enable Register Partition H
0x2C1D
XCERG1
McBSP 1 Transmit Channel Enable Register Partition G
0x2C1E
XCERH1
McBSP 1 Transmit Channel Enable Register Partition H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com