Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 70Page - Texas Instruments TMS320VC5510 Datasheet HTML 71Page - Texas Instruments TMS320VC5510 Datasheet HTML 72Page - Texas Instruments TMS320VC5510 Datasheet HTML 73Page - Texas Instruments TMS320VC5510 Datasheet HTML 74Page - Texas Instruments TMS320VC5510 Datasheet HTML 75Page - Texas Instruments TMS320VC5510 Datasheet HTML 76Page - Texas Instruments TMS320VC5510 Datasheet HTML 77Page - Texas Instruments TMS320VC5510 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
Electrical Specifications
74
June 2000 − Revised July 2004
SPRS076J
5.15.2
McBSP General-Purpose I/O Timing
Table 5−25 and Table 5−26 assume testing over recommended operating conditions (see Figure 5−23).
Table 5−25. McBSP General-Purpose I/O Timing Requirements
NO.
VC5510-160
VC5510-200
UNIT
NO.
MIN
MAX
UNIT
M22
tsu(MGPIO-COH)
Setup time, MGPIOx input mode before CLKOUT high†
7
ns
M23
th(COH-MGPIO)
Hold time, MGPIOx input mode after CLKOUT high†
0
ns
† MGPIOx refers to CLKRx, FSRx, DRx, CLKXx, or FSXx when configured as a general-purpose input.
Table 5−26. McBSP General-Purpose I/O Switching Characteristics
NO.
PARAMETER
VC5510-160
VC5510-200
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
M21
td(COH-MGPIO)
Delay time, CLKOUT high to MGPIOx output mode‡
0
3
ns
‡ MGPIOx refers to CLKRx, FSRx, CLKXx, FSXx, or DXx when configured as a general-purpose output.
M22
M23
M21
CLKOUT
MGPIOx Input
Mode†
MGPIOx Output
Mode‡
† MGPIOx refers to CLKRx, FSRx, DRx, CLKXx, or FSXx when configured as a general-purpose input.
‡ MGPIOx refers to CLKRx, FSRx, CLKXx, FSXx, or DXx when configured as a general-purpose output.
Figure 5−23. McBSP General-Purpose I/O Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com