Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 45Page - Texas Instruments TMS320VC5510 Datasheet HTML 46Page - Texas Instruments TMS320VC5510 Datasheet HTML 47Page - Texas Instruments TMS320VC5510 Datasheet HTML 48Page - Texas Instruments TMS320VC5510 Datasheet HTML 49Page - Texas Instruments TMS320VC5510 Datasheet HTML 50Page - Texas Instruments TMS320VC5510 Datasheet HTML 51Page - Texas Instruments TMS320VC5510 Datasheet HTML 52Page - Texas Instruments TMS320VC5510 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Documentation Support
49
June 2000 − Revised July 2004
SPRS076J
4.2
TMS320VC5510 Device Nomenclature
PREFIX
DEVICE TEMP. RANGE
TMS 320 VC 5510
GGW
(A)
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
SMJ = MIL-STD-883C
SM
= High Rel (non-883C)
DEVICE FAMILY
320 = TMS320 family
TECHNOLOGY
(no suffix) = 0
° to 85°C
A = −40
° to 85°C
PACKAGE TYPE†
GGW = 240-pin plastic BGA
VC = Dual-Supply CMOS
DEVICE
55x DSP:
5510
† BGA =
Ball Grid Array
(A)
2
DEVICE SPEED RANGE
1 = 160 MHz
2 = 200 MHz
DEVICE REVISION
(no suffix) = Revision 2.1
A = Revision 2.2
Figure 4−1. Device Nomenclature for the TMS320VC5510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com