Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 27Page - Texas Instruments TMS320VC5510 Datasheet HTML 28Page - Texas Instruments TMS320VC5510 Datasheet HTML 29Page - Texas Instruments TMS320VC5510 Datasheet HTML 30Page - Texas Instruments TMS320VC5510 Datasheet HTML 31Page - Texas Instruments TMS320VC5510 Datasheet HTML 32Page - Texas Instruments TMS320VC5510 Datasheet HTML 33Page - Texas Instruments TMS320VC5510 Datasheet HTML 34Page - Texas Instruments TMS320VC5510 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
Functional Overview
31
June 2000 − Revised July 2004
SPRS076J
3.2.4 General-Purpose Input/Output Port (GPIO)
The 5510 provides eight dedicated general-purpose input/output pins, IO0−IO7. Each pin can be
independently configured as an input or an output using the I/O Direction Register (IODIR). The I/O Data
Register (IODATA) is used to monitor the logic state of pins configured as inputs and control the logic state
of pins configured as outputs. IODIR and IODATA are accessible to the CPU and to the DMA controller at
addresses in I/O space. See Table 3−19 for address information. The description of the IODIR is shown in
Figure 3−5 and Table 3−7. The description of IODATA is shown in Figure 3−6 and Table 3−8.
To configure a GPIO pin as an input, clear the direction bit that corresponds to the pin in IODIR to 0. To read
the logic state of the input pin, read the corresponding bit in IODATA.
To configure a GPIO pin as an output, set the direction bit that corresponds to the pin in IODIR to 1. To control
the logic state of the output pin, write to the corresponding bit in IODATA.
15
87
65
43
21
0
Reserved
IO7DIR
IO6DIR
IO5DIR
IO4DIR
IO3DIR
IO2DIR
IO1DIR
IO0DIR
R−00000000
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−5. I/O Direction Register (IODIR) Bit Layout
Table 3−7. I/O Direction Register (IODIR) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−8
Reserved
0
These bits are reserved and are unaffected by writes.
7−0
IOxDIR
0
IOx Direction Control Bit. Controls whether IOx operates as an input or an output.
IOxDIR = 0
IOx is configured as an input.
IOxDIR = 1
IOx is configured as an output.
15
87
65
43
21
0
Reserved
IO7D
IO6D
IO5D
IO4D
IO3D
IO2D
IO1D
IO0D
R−00000000
R/W−pin
R/W−pin
R/W−pin
R/W−pin
R/W−pin
R/W−pin
R/W−pin
R/W−pin
LEGEND: R = Read, W = Write, pin = value present on the pin (IO7−IO0 default to inputs after reset)
Figure 3−6. I/O Data Register (IODATA) Bit Layout
Table 3−8. I/O Data Register (IODATA) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−8
Reserved
0
These bits are reserved and are unaffected by writes.
7−0
IOxD
pin†
IOx Data Bit.
If IOx is configured as an input (IOxDIR = 0 in IODIR):
IOxD = 0
The signal on the IOx pin is low.
IOxD = 1
The signal on the IOx pin is high.
If IOx is configured as an output (IOxDIR = 1 in IODIR):
IOxD = 0
Drive the signal on the IOx pin low.
IOxD = 1
Drive the signal on the IOx pin high.
† pin = value present on the pin (IO7−IO0 default to inputs after reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com