Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 10Page - Texas Instruments TMS320VC5510 Datasheet HTML 11Page - Texas Instruments TMS320VC5510 Datasheet HTML 12Page - Texas Instruments TMS320VC5510 Datasheet HTML 13Page - Texas Instruments TMS320VC5510 Datasheet HTML 14Page - Texas Instruments TMS320VC5510 Datasheet HTML 15Page - Texas Instruments TMS320VC5510 Datasheet HTML 16Page - Texas Instruments TMS320VC5510 Datasheet HTML 17Page - Texas Instruments TMS320VC5510 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
Introduction
14
June 2000 − Revised July 2004
SPRS076J
Table 2−1. Pin Assignments
BGA BALL #
SIGNAL
BGA BALL #
SIGNAL
BGA BALL #
SIGNAL
BGA BALL #
SIGNAL
A1
VSS
A2
A9
A3
DVDD
A4
A8
A5
CVDD
A6
A4
A7
DVDD
A8
D2
A9
VSS
A10
VSS
A11
SDRAS
A12
DVDD
A13
SDCAS
A14
CVDD
A15
HD10
A16
VSS
A17
VSS
B1
VSS
B2
XF
B3
D9
B4
D7
B5
D5
B6
D3
B7
A2
B8
A0
B9
CLKMEM
B10
SDA10
B11
HD2
B12
SDWE
B13
HD1
B14
HDRY
B15
HD3
B16
HD0
B17
HDS1
C1
A10
C2
D13
C3
D10
C4
A6
C5
A7
C6
A5
C7
A3
C8
D0
C9
HD4
C10
HD5
C11
HD6
C12
HD7
C13
HD8
C14
HD9
C15
HR/W
C16
HCS
C17
TRST
D1
DVDD
D2
D14
D3
D11
D4
D8
D5
D6
D6
D4
D7
D1
D8
A1
D9
HD15
D10
HD14
D11
HD13
D12
HD12
D13
HD11
D14
HDS2
D15
HA11
D16
HA0
D17
DVDD
E1
A11
E2
D15
E3
D12
E4
CE3
E5
BOOTM3
E6
CVDD
E7
CVDD
E8
NC
E9
NC
E10
CVDD
E11
NC
E12
NC
E13
RSVD9
E14
HA12
E15
HA10
E16
HA1/HCNTL1
E17
RST_MODE
F1
DVDD
F2
A13
F3
A12
F4
A16
F5
CVDD
F13
RSVD8
F14
HA9
F15
HA2/HAS
F16
CLKIN
F17
CVDD
G1
CE2
G2
A17
G3
A15
G4
A14
G5
NC
G13
RSVD7
G14
HA8
G15
HA3
G16
RESET
G17
HA13
H1
VSS
H2
CE1
H3
A19
H4
A18
H5
NC
H13
RSVD6
H14
HA4
H15
CLKOUT
H16
HA14
H17
VSS
J1
VSS
J2
CE0
J3
A21
J4
A20
J5
NC
J13
RSVD5
J14
HA5
J15
HA15
J16
HA7
J17
VSS
K1
IO7
K2
BE0
K3
BE1
K4
IO0
K5
CVDD
K13
RSVD4
K14
TMS
K15
HBE0
K16
HA16
K17
HA6
L1
CVDD
L2
IO6
L3
BE2
L4
BE3
L5
NC
L13
RSVD3
L14
EMU1/OFF
L15
TDO
L16
TDI
L17
TCK
M1
IO5
M2
SSWE
M3
SSOE
M4
IO1/BOOTM0
M5
NC
M13
RSVD2
M14
HA18
M15
HA17
M16
HBE1
M17
DVDD
N1
DVDD
N2
IO4
N3
D16
N4
SSADS
N5
NC
N6
CVDD
N7
NC
N8
NC
N9
NC
N10
CVDD
N11
NC
N12
NC
N13
RSVD1
N14
HINT
N15
HCNTL0
N16
HMODE
N17
HA19
P1
IO3/BOOTM2
P2
CLKS1
P3
DR1
P4
D19
P5
D22
P6
D23
P7
D24
P8
CLKS2
P9
FSX0
P10
D31
P11
D28
P12
INT4
P13
ARDY
P14
HOLDA
P15
TIN/TOUT0
P16
CLKMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com