Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 12Page - Texas Instruments TMS320VC5510 Datasheet HTML 13Page - Texas Instruments TMS320VC5510 Datasheet HTML 14Page - Texas Instruments TMS320VC5510 Datasheet HTML 15Page - Texas Instruments TMS320VC5510 Datasheet HTML 16Page - Texas Instruments TMS320VC5510 Datasheet HTML 17Page - Texas Instruments TMS320VC5510 Datasheet HTML 18Page - Texas Instruments TMS320VC5510 Datasheet HTML 19Page - Texas Instruments TMS320VC5510 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
Introduction
16
June 2000 − Revised July 2004
SPRS076J
2.3
Signal Descriptions
Table 2−2 lists each signal, function, and operating mode(s) grouped by function. See Section 2.2 for exact
pin locations based on package type.
Table 2−2. Signal Descriptions
SIGNAL
NAME
TYPE†
OTHER‡
DESCRIPTION
EMIF - ADDRESS BUS
A[21:0]
O/Z
E,F
External memory address bus (byte address). Address all external memory (program and
data). Since A[23:22] are redundant to the CE[3:0] memory space selects in terms of memory
addressing capability, A[23:22] are not externally provided.
EMIF - CONTROL SIGNALS COMMON TO ALL MEMORY TYPES
CE0
CE1
CE2
CE3
O/Z
E,F
External memory space enables. Select one of four external memory ranges based on the
address.
BE0
BE1
BE2
BE3
O/Z
E,F
Byte-enable control. Can be used as chip selects for external memory. These signals respond
according to the data width of the memory access. 8-bit accesses cause a single byte enable to
respond. 16-bit accesses cause two byte enables to respond. 32-bit accesses cause all four byte
enables to respond.
CLKMEM
O/Z
E,F
Memory interface clock (for SDRAM / SBSRAM). Clock for synchronizing the external
synchronous memories to the C55x external memory interface.
EMIF - DATA BUS
D[31:0]
I/O/Z
D,E,F
External data bus. Provides data exchange between external memories and the C55x external
memory interface.
The bus holders on D[31:0] are controlled by the BH bit in the system register (SYSR).
EMIF - BUS ARBITRATION
HOLD
I
−
Hold request. HOLD is asserted by an external host to request control of the address, data and
control signals.
HOLDA
O/Z
F
Hold acknowledge. HOLDA is asserted by the DSP to indicate that the DSP is in the HOLD state
and that the EMIF address, data and control signals are in a high-impedance state, allowing the
external memory interface to be accessed by other devices.
EMIF - ASYNCHRONOUS MEMORY CONTROL SIGNALS
ARE
Asynchronous memory read enable. ARE acts as a strobe during asynchronous memory reads
only.
AOE
O/Z
E,F
Asynchronous memory output enable. AOE indicates whether a memory access is a read
(low) or a write (high).
AWE
Asynchronous memory write enable. AWE acts as a strobe during asynchronous memory
writes only.
ARDY
I
Asynchronous memory ready input. ARDY indicates that an external device is ready for a bus
transaction to be completed. If the device is not ready (ARDY is low), the processor extends the
memory access by one cycle and checks ARDY again. The ARDY signal is sampled at the end
of the STROBE period in the memory access.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup (always enabled)
E − Pin is high impedance in HOLD mode (due to HOLD pin).
B − Internal pulldown (always enabled)
F − Pin is high impedance in OFF mode (due to EMU1/OFF pin).
C − Hysteresis input
G − Pin can be configured as a general-purpose input.
D − Pin has bus holder
H − PIn can be configured as a general-purpose output.
J − Internal pullup enabled by the HPE bit in the system register (SYSR)
K − Internal pulldown enabled by the HPE bit in the system register (SYSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com