Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 72 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 68Page - Texas Instruments TMS320VC5510 Datasheet HTML 69Page - Texas Instruments TMS320VC5510 Datasheet HTML 70Page - Texas Instruments TMS320VC5510 Datasheet HTML 71Page - Texas Instruments TMS320VC5510 Datasheet HTML 72Page - Texas Instruments TMS320VC5510 Datasheet HTML 73Page - Texas Instruments TMS320VC5510 Datasheet HTML 74Page - Texas Instruments TMS320VC5510 Datasheet HTML 75Page - Texas Instruments TMS320VC5510 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Electrical Specifications
72
June 2000 − Revised July 2004
SPRS076J
Table 5−24. McBSP Switching Characteristics†‡
NO.
PARAMETER
VC5510-160
VC5510-200
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
M1
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
2P
ns
M2
tw(CKRXH)
Pulse duration, CLKR/X high
CLKR/X int
D−1§
D+1§
ns
M3
tw(CKRXL)
Pulse duration, CLKR/X low
CLKR/X int
C−1§
C+1§
ns
M4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR int
−2
2
ns
M4
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR ext
3
7
ns
M5
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX int
−2
2
ns
M5
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX ext
3
7
ns
M6
tdis(CKXH-DXHZ)
Disable time, CLKX high to DX high impedance
CLKX int
0
2
ns
M6
tdis(CKXH-DXHZ)
Disable time, CLKX high to DX high impedance
following last data bit
CLKX ext
1
11
ns
Delay time, CLKX high to DX valid.
CLKX int
6
Delay time, CLKX high to DX valid.
This applies to all bits except the first bit transmitted.
CLKX ext
9
M7
t
Delay time, CLKX high to DX valid
DXENA = 0
CLKX int
6
ns
M7
td(CKXH-DXV)
Delay time, CLKX high to DX valid
DXENA = 0
CLKX ext
9
ns
Only applies to first bit transmitted when in Data
DXENA = 1
CLKX int
2P+6
Only applies to first bit transmitted when in Data
Delay 1 or 2 (XDATDLY=01b or 10b) modes
DXENA = 1
CLKX ext
2P+9
Enable time, CLKX high to DX driven
DXENA = 0
CLKX int
0
M8
ten(CKXH-DX)
Enable time, CLKX high to DX driven
DXENA = 0
CLKX ext
6
ns
M8
ten(CKXH-DX)
Only applies to first bit transmitted when in Data
DXENA = 1
CLKX int
P
ns
Only applies to first bit transmitted when in Data
Delay 1 or 2 (XDATDLY=01b or 10b) modes
DXENA = 1
CLKX ext
P+6
Delay time, FSX high to DX valid
DXENA = 0
FSX int
5
M9
td(FXH-DXV)
Delay time, FSX high to DX valid
DXENA = 0
FSX ext
9
ns
M9
td(FXH-DXV)
Only applies to first bit transmitted when in Data
DXENA = 1
FSX int
2P+5
ns
Only applies to first bit transmitted when in Data
Delay 0 (XDATDLY=00b) mode.
DXENA = 1
FSX ext
2P+9
Enable time, FSX high to DX driven
DXENA = 0
FSX int
0
M10
ten(FXH-DX)
Enable time, FSX high to DX driven
DXENA = 0
FSX ext
6
ns
M10
ten(FXH-DX)
Only applies to first bit transmitted when in Data
DXENA = 1
FSX int
P
ns
Only applies to first bit transmitted when in Data
Delay 0 (XDATDLY=00b) mode
DXENA = 1
FSX ext
P+6
† Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are
also inverted.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
§ T=CLKRX period = (1 + CLKGDV) * P
C=CLKRX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * P when CLKGDV is even
D=CLKRX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * P when CLKGDV is even
See the TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP) Reference Guide (literature number
SPRU592) for a description of the DX enable (DXENA) and data delay features of the McBSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com