Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 84 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 78Page - Texas Instruments TMS320VC5510 Datasheet HTML 79Page - Texas Instruments TMS320VC5510 Datasheet HTML 80Page - Texas Instruments TMS320VC5510 Datasheet HTML 81Page - Texas Instruments TMS320VC5510 Datasheet HTML 82Page - Texas Instruments TMS320VC5510 Datasheet HTML 83Page - Texas Instruments TMS320VC5510 Datasheet HTML 84Page - Texas Instruments TMS320VC5510 Datasheet HTML 85Page - Texas Instruments TMS320VC5510 Datasheet HTML 86Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
Electrical Specifications
84
June 2000 − Revised July 2004
SPRS076J
HR/W
Write Data
Write Data
n
HRDY
HCNTL[1:0]
HDS
HAS
HCS
HD[15:0]
(write)
HPIA contents
Valid (01)
Valid (01)
n + 1
E11
E12
E15
E16
E20
E13
E17
E18
E9
E10
E10
E19
E14
E9
NOTES: A. As of revision 2.1, the byte-enable function on the EHPI (as controlled by pins HBE0 and HBE1) is no longer supported. These pins
must always be driven low either by an external device, by external pulldown resistors or by using the on-chip pulldown circuitry
controlled by the HPE bit in the System Register (SYSR).
B. During autoincrement mode, although the EHPI internally increments the memory address, reads of the HPIA register by the host
will always indicate the base address.
C. The falling edge of HCS must occur concurrent with or before the falling edge of HDS. The rising edge of HCS must occur concurrent
with or after the rising edge of HDS. If HDS1 and/or HDS2 are tied low and HCS is used as a strobe, the timing requirements shown
for HDS apply to HCS . Operation with HCS as a strobe is not recommended because HCS gates output of HRDY (when HCS is
high HRDY is not driven).
Figure 5−31. EHPI Multiplexed Memory (HPID) Access Write Timings With Autoincrement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com