Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 39Page - Texas Instruments TMS320VC5510 Datasheet HTML 40Page - Texas Instruments TMS320VC5510 Datasheet HTML 41Page - Texas Instruments TMS320VC5510 Datasheet HTML 42Page - Texas Instruments TMS320VC5510 Datasheet HTML 43Page - Texas Instruments TMS320VC5510 Datasheet HTML 44Page - Texas Instruments TMS320VC5510 Datasheet HTML 45Page - Texas Instruments TMS320VC5510 Datasheet HTML 46Page - Texas Instruments TMS320VC5510 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
Functional Overview
43
June 2000 − Revised July 2004
SPRS076J
Table 3−19. GPIO Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
0x3400
IODIR
General-purpose I/O Direction Register
0x3401
IODATA
General-purpose I/O Data Register
Table 3−20. Device Revision ID Registers
PORT ADDRESS
REGISTER NAME
DESCRIPTION
0x3800 − 0x3803
DieID[63:0]
Factory Die Identification†
0x3804
RevID[15:0]
Identifies silicon revision
Revision 1.x: 0x8050
Revision 2.0: 0x6510
Revision 2.1: 0x6511
Revision 2.2: 0x6512
† The Die_ID register contains factory identification information and does not require any intervention from the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com