Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 21Page - Texas Instruments TMS320VC5510 Datasheet HTML 22Page - Texas Instruments TMS320VC5510 Datasheet HTML 23Page - Texas Instruments TMS320VC5510 Datasheet HTML 24Page - Texas Instruments TMS320VC5510 Datasheet HTML 25Page - Texas Instruments TMS320VC5510 Datasheet HTML 26Page - Texas Instruments TMS320VC5510 Datasheet HTML 27Page - Texas Instruments TMS320VC5510 Datasheet HTML 28Page - Texas Instruments TMS320VC5510 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
Functional Overview
25
June 2000 − Revised July 2004
SPRS076J
3.1.5 Memory Map
000000
010000
050000
400000
800000
C00000
FF8000
Memory Blocks
Block Length
65,536 Bytes
262,144 Bytes
3,866,624 Bytes
4,194,304 Bytes
4,194,304 Bytes
4,161,536 Bytes
32,768 Bytes
DARAM‡
(8 Blocks)
SARAM§
(32 Blocks)
External− CE0
ROM#
if MPNMC=0
(1 Block)
† Address shown represents the first byte address in each block.
‡ Dual-access RAM (DARAM): two accesses per cycle per block, 8 blocks of 8K bytes.
§ Single-access RAM (SARAM): one access per cycle per block, 32 blocks of 8K bytes.
External memory spaces are selected by the chip-enable signal shown (CE[0:3]).
Supported memory types include: asynchronous, synchronous DRAM (SDRAM), and
synchronous burst SRAM (SBSRAM).
# Read-only memory (ROM): one access every two cycles, one block of 32K bytes.
External− CE1
External− CE2
External− CE3
External− CE3
if MPNMC=1
Byte Address† (Hex)
FFFFFF
Figure 3−2. TMS320VC5510 Memory Map
3.1.6 Bootloader
The on-chip bootloader provides a method to transfer application code and tables from an external source to
the on-chip RAM at power up. The 5510 provides several options to download the code to accommodate
varying system requirements. These options include:
•
Enhanced Host-Port Interface (EHPI) boot
•
External memory boot from 8-/16-/32-bit-wide asynchronous memory
•
Serial slave boot from McBSP0 with 8- or 16-bit element length
•
Serial EEPROM boot from McBSP0 in 8-bit SPI format
External pins BOOTM3, BOOTM2, BOOTM1, and BOOTM0 select the boot configuration. The values of
BOOTM[2:0] are latched with the rising edge of the RESET input. BOOTM[0] is shared with general-purpose
IO1. BOOTM[1] is shared with general-purpose IO2. BOOTM[2] is shared with general-purpose IO3.
The boot configurations available are summarized in Table 3−4. For detailed information on the bootloader
functions, refer to the Using the TMS320VC5510 Bootloader Application Report (literature number
SPRA763).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com