Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 48Page - Texas Instruments TMS320VC5510 Datasheet HTML 49Page - Texas Instruments TMS320VC5510 Datasheet HTML 50Page - Texas Instruments TMS320VC5510 Datasheet HTML 51Page - Texas Instruments TMS320VC5510 Datasheet HTML 52Page - Texas Instruments TMS320VC5510 Datasheet HTML 53Page - Texas Instruments TMS320VC5510 Datasheet HTML 54Page - Texas Instruments TMS320VC5510 Datasheet HTML 55Page - Texas Instruments TMS320VC5510 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
Electrical Specifications
52
June 2000 − Revised July 2004
SPRS076J
Tester Pin
Electronics
VLoad
IOL-test
CT
IOH-test
Output
Under
Test
50
Ω
Where:
IOL-test
=
+2 mA (all outputs)
IOH-test
=
−2 mA (all outputs)
VLoad
=
50% of DVdd
CT
=
15 pF typical load circuit capacitance.
Figure 5−1. 3.3-V Test Load Circuit
5.5
Package Thermal Resistance Characteristics
Table 5−1 provides the thermal resistance characteristics for the recommended package types used on the
TMS320VC5510 DSP.
Table 5−1. Thermal Resistance Characteristics (Ambient)
RΘJA (°C/W)
BOARD TYPE†
AIRFLOW (LFM)
26
High-K
0
22
High-K
150
20
High-K
250
50
Low-K
0
35
Low-K
150
29
Low-K
250
† Board types are as defined by JEDEC. Reference JEDEC Standard JESD51-9, Test Boards for Area Array Surface Mount Package Thermal
Measurements.
Table 5−2. Thermal Resistance Characteristics (Case)
RΘJC (°C/W)
BOARD TYPE†
6
2s JEDEC Test Card
† Board types are as defined by JEDEC. Reference JEDEC Standard JESD51-9, Test Boards for Area Array Surface Mount Package Thermal
Measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com