Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320VC5510
Description  Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5510 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 32Page - Texas Instruments TMS320VC5510 Datasheet HTML 33Page - Texas Instruments TMS320VC5510 Datasheet HTML 34Page - Texas Instruments TMS320VC5510 Datasheet HTML 35Page - Texas Instruments TMS320VC5510 Datasheet HTML 36Page - Texas Instruments TMS320VC5510 Datasheet HTML 37Page - Texas Instruments TMS320VC5510 Datasheet HTML 38Page - Texas Instruments TMS320VC5510 Datasheet HTML 39Page - Texas Instruments TMS320VC5510 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
Functional Overview
36
June 2000 − Revised July 2004
SPRS076J
Table 3−13. DMA Configuration Registers
PORT ADDRESS
REGISTER NAME
DESCRIPTION
GLOBAL REGISTER
0x0E00
DMAGCR
DMA Global Control Register
0x0E02
DMAGSCR
DMA Software Compatibility Register
0x0E03
DMAGTCR
DMA Timeout Control Register
CHANNEL #0 REGISTERS
0x0C00
DMACSDP0
DMA Channel 0 Source / Destination Parameters Register
0x0C01
DMACCR0
DMA Channel 0 Control Register
0x0C02
DMACICR0
DMA Channel 0 Interrupt Control Register
0x0C03
DMACSR0
DMA Channel 0 Status Register
0x0C04
DMACSSAL0
DMA Channel 0 Source Start Address Register (lower bits)
0x0C05
DMACSSAU0
DMA Channel 0 Source Start Address Register (upper bits)
0x0C06
DMACDSAL0
DMA Channel 0 Source Destination Address Register (lower bits)
0x0C07
DMACDSAU0
DMA Channel 0 Source Destination Address Register (upper bits)
0x0C08
DMACEN0
DMA Channel 0 Element Number Register
0x0C09
DMACFN0
DMA Channel 0 Frame Number Register
0x0C0A
DMACFI0/
DMACSFI0†
DMA Channel 0 Frame Index Register/
DMA Channel 0 Source Frame Index Register†
0x0C0B
DMACEI0/
DMACSEI0‡
DMA Channel 0 Element Index Register/
DMA Channel 0 Source Element Index Register‡
0x0C0C
DMACSAC0
DMA Channel 0 Source Address Counter
0x0C0D
DMACDAC0
DMA Channel 0 Destination Address Counter
0x0C0E
DMACDEI0
DMA Channel 0 Destination Element Index Register
0x0C0F
DMACDFI0
DMA Channel 0 Destination Frame Index Register
CHANNEL #1 REGISTERS
0x0C20
DMACSDP1
DMA Channel 1 Source / Destination Parameters Register
0x0C21
DMACCR1
DMA Channel 1 Control Register
0x0C22
DMACICR1
DMA Channel 1 Interrupt Control Register
0x0C23
DMACSR1
DMA Channel 1 Status Register
0x0C24
DMACSSAL1
DMA Channel 1 Source Start Address Register (lower bits)
0x0C25
DMACSSAU1
DMA Channel 1 Source Start Address Register (upper bits)
0x0C26
DMACDSAL1
DMA Channel 1 Source Destination Address Register (lower bits)
0x0C27
DMACDSAU1
DMA Channel 1 Source Destination Address Register (upper bits)
0x0C28
DMACEN1
DMA Channel 1 Element Number Register
0x0C29
DMACFN1
DMA Channel 1 Frame Number Register
0x0C2A
DMACFI1/
DMACSFI1†
DMA Channel 1 Frame Index Register/
DMA Channel 1 Source Frame Index Register†
0x0C2B
DMACEI1/
DMACSEI1‡
DMA Channel 1 Element Index Register/
DMA Channel 1 Source Element Index Register‡
0x0C2C
DMACSAC1
DMA Channel 1 Source Address Counter
0x0C2D
DMACDAC1
DMA Channel 1 Destination Address Counter
0x0C2E
DMACDEI1
DMA Channel 1 Destination Element Index Register
0x0C2F
DMACDFI1
DMA Channel 1 Destination Frame Index Register
† On revision 1.x, the channel frame index applies to both source and destination and this register behaves as DMACFIn. On revision 2.0 and
later, DMACSFIn and DMACDFIn provide separate source and destination frame indexing. Revisions 2.0 and later can be programmed for
software compatibility with revisions 1.x through the Software Compatibility Register (DMAGSCR).
‡ On revision 1.x, the channel element index applies to both source and destination and this register behaves as DMACEIn. On revision 2.0 and
later, DMACSEIn and DMACDEIn provide separate source and destination frame indexing. Revisions 2.0 and later can be programmed for
software compatibility with revisions 1.x through the Software Compatibility Register (DMAGSCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com