| Electronic Components Datasheet Search |
|
TMS320VC5510 Datasheet(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5510 Datasheet(HTML) 45 Page - Texas Instruments |
|
45 / 86 page ![]() Functional Overview 45 June 2000 − Revised July 2004 SPRS076J 3.5.1 IFR and IER Registers The Interrupt Enable Registers (IER0 and IER1) control which interrupts will be masked or enabled during normal operation. The Interrupt Flag Registers (IFR0 and IFR1) contain flags that indicate interrupts that are currently pending. The Debug Interrupt Enable Registers (DBIER0 and DBIER1) are used only when the CPU is halted in the real-time emulation mode. If the CPU is running in real-time mode, the standard interrupt processing (IER0/1) is used and DBIER0/1 are ignored. A maskable interrupt enabled in a DBIER0/1 is defined as a time-critical interrupt. When the CPU is halted in the real-time mode, the only interrupts that are serviced are time-critical interrupts that are also enabled in an interrupt enable register (IER0 or IER1) Write the DBIER0/1 to enable or disable time-critical interrupts. To enable an interrupt, set its corresponding bit. To disable an interrupt, clear its corresponding bit. Note that DBIER0/1 are not affected by a software reset instruction or by a DSP hardware reset. Initialize these registers before using the real-time emulation mode. The bit layouts of these registers for each interrupt are shown in Figure 3−7. 15 14 13 12 11 10 9 8 DMAC5 DMAC4 XINT2 RINT2 INT3 DSPINT DMAC1 Reserved 7 65 43 2 1 0 XINT1 RINT1 RINT0 TINT0 INT2 INT0 Reserved Figure 3−7. IFR0, IER0, DBIFR0, and DBIER0 Bit Locations The IFR1 (Interrupt Flag Register 1) and IER1 (Interrupt Enable Register 1) bit layouts are shown in Figure 3−8. 15 11 10 9 8 Reserved RTOS DLOG BERR 7 65 43 21 0 INT5 TINT1 DMAC3 DMAC2 INT4 DMAC0 XINT0 INT1 Figure 3−8. IFR1, IER1, DBIFR1, and DBIER1 Bit Locations 3.5.2 Interrupt Timing The external interrupts (NMI and INTx) are automatically synchronized to the CPU. The interrupt inputs are sampled on the falling edges of the CPU clock. A sequence on the interrupt pin of 1-0-0-0 on consecutive cycles is required for an interrupt to be detected. Therefore, the minimum low pulse duration on the external interrupts on the 5510 is three CPU clock periods. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |