Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 51 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 51 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 47Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 48Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 49Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 50Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 51Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 52Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 53Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 54Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
ADT7476A
www.onsemi.com
51
Table 49. ADT7476A REGISTERS (continued)
Addr
Lock-
able
De-
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Desc
R/W
0x60
R/W
Local
TRANGE/PWM2
Frequency
RANGE
RANGE
RANGE
RANGE
HF/LF
FREQ
FREQ
FREQ
0XC4
Yes
0x61
R/W
Remote 2
TRANGE/PWM3
Frequency
RANGE
RANGE
RANGE
RANGE
HF/LF
FREQ
FREQ
FREQ
0XC4
Yes
0x62
R/W
Enhance
Acoustics
Register 1
MIN3
MIN2
MIN1
SYNC
EN1
ACOU
ACOU
ACOU
0X00
Yes
0x63
R/W
Enhance
Acoustics
Register 2
EN2
ACOU2
ACOU2
ACOU2
EN3
ACOU3
ACOU3
ACOU3
0X00
Yes
0x64
R/W
PWM1 Min Duty
Cycle
7
6
5
4
3
2
1
0
0X80
Yes
0x65
R/W
PWM2 Min Duty
Cycle
7
6
5
4
3
2
1
0
0X80
Yes
0x66
R/W
PWM3 Min Duty
Cycle
7
6
5
4
3
2
1
0
0X80
Yes
0x67
R/W
Remote 1 Temp
TMIN
7
6
5
4
3
2
1
0
0X5A
Yes
0x68
R/W
Local Temp
TMIN
7
6
5
4
3
2
1
0
0X5A
Yes
0x69
R/W
Remote 2 Temp
TMIN
7
6
5
4
3
2
1
0
0X5A
Yes
0x6A
R/W
Remote 1
THERM Limit
7
6
5
4
3
2
1
0
0X64
Yes
0x6B
R/W
Local THERM
Limit
7
6
5
4
3
2
1
0
0X64
Yes
0x6C
R/W
Remote 2
THERM Limit
7
6
5
4
3
2
1
0
0X64
Yes
0x6D
R/W
Remote 1 and
Local Temp/TMIN
Hysteresis
HYSR1
HYSR1
HYSR1
HYSR1
HYSL
HYSL
HYSL
HYSL
0X44
Yes
0x6E
R/W
Remote 2
Temp/TMIN
Hysteresis
HYSR2
HYSR2
HYSR2
HYRS
RES
RES
RES
RES
0X40
Yes
0x6F
R/W
XNOR Tree Test
Enable
RES
RES
RES
RES
RES
RES
RES
XEN
0X00
Yes
0x70
R/W
Remote 1 Temp
Offset
7
6
5
4
3
2
1
0
0X00
Yes
0x71
R/W
Local Temp
Offset
7
6
5
4
3
2
1
0
0X00
Yes
0x72
R/W
Remote 2 Temp
Offset
7
6
5
4
3
2
1
0
0X00
Yes
0x73
R/W
Configuration
Register 2
RES
CONV
ATTN
AVG
Fan3
Detect
Fan2
Detect
Fan1
Detect
Fan
PresDT
0X00
Yes
0x74
R/W
Interrupt Mask
Register 1
OOL
R2T
LT
R1T
5.0 V
VCC
VCCP
2.5 V/
THERM
0X00
−
0x75
R/W
Interrupt Mask
Register 2
D2
D1
F4P
FAN3
FAN2
FAN1
OVT
12 V/VC
0X00
−
0x76
R/W
Extended
Resolution
Register 1
5.0 V
5.0 V
VCC
VCC
VCCP
VCCP
2.5 V
2.5 V
0X00
−
0x77
R/W
Extended
Resolution
Register 2
TDM2
TDM2
LTMP
LTMP
TDM1
TDM1
12 V
12 V
0X00
−
0x78
R/W
Configuration
Register 3
DC4
DC3
DC2
DC1
FAST
BOOST
THERM/
2.5V
ALERT
0x00
Yes
0x79
R
THERM Timer
Status
TMR
TMR
TMR
TMR
TMR
TMR
TMR
ASRT/T
MRO
0x00
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com