Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 61 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 61 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 57Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 58Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 59Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 62Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 63Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 64Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 65Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
ADT7476A
www.onsemi.com
61
Table 69. PWM MINIMUM DUTY CYCLE REGISTERS (Note 1)
Register Address
R/W
Description
Power-On Default
0x64
R/W
PWM1 Minimum Duty Cycle
0x80 (50% Duty Cycle)
0x65
R/W
PWM2 Minimum Duty Cycle
0x80 (50% Duty Cycle)
0x66
R/W
PWM3 Minimum Duty Cycle
0x80 (50% Duty Cycle)
Bit No.
Name
R/W
Description
[7:0]
PWM Duty
Cycle
R/W
These bits define the PWMMIN duty cycle for PWMx.
0x00 = 0% Duty Cycle (Fan Off)
0x40 = 25% Duty Cycle
0x80 = 50% Duty Cycle
0xFF = 100% Duty Cycle (Fan Full Speed)
1. These registers become read-only when the ADT7476A is in automatic fan control mode.
Table 70. TMIN REGISTERS (Note 1 and 2)
Register Address
R/W
Description
Power-On Default
0x67
R/W
Remote 1 Temperature TMIN
0x5A (90
°C)
0x68
R/W
Local Temperature TMIN
0x5A (90
°C)
0x69
R/W
Remote 2 Temperature TMIN
0x5A (90
°C)
1. These are the TMIN registers for each temperature channel. When the temperature measured exceeds TMIN, the appropriate fan runs at
minimum speed and increases with temperature according to TRANGE.
2. These registers become read-only when the Configuration Register 1 Lock bit is set. Any further attempts to write to these registers have no
effect.
Table 71. THERM LIMIT REGISTERS (Note 1 and 2)
Register Address
R/W
Description
Power-On Default
0x6A
R/W
Remote 1 THERM Temperature Limit
0x64 (100
°C)
0x6B
R/W
Local THERM Temperature Limit
0x64 (100
°C)
0x6C
R/W
Remote 2 THERM Temperature Limit
0x64 (100
°C)
1. If any temperature measured exceeds its THERM limit, all PWM outputs drive their fans at 100% duty cycle. This is a fail-safe mechanism
incorporated to cool the system in the event of a critical overtemperature. It also ensures some level of cooling in the event that software
or hardware locks up. If set to 0x80, this feature is disabled. The PWM output remains at 100% until the temperature drops below
THERM limit − hysteresis. If the THERM pin is programmed as an output, exceeding these limits by 0.25
°C can cause the THERM pin to
assert low as an output.
2. These registers become read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to these registers have
no effect.
Table 72. TEMPERATURE/TMIN HYSTERESIS REGISTERS (Note 1 and 2)
Register Address
R/W
Description
Power-On Default
0x6D
[3:0]
[7:4]
R/W
HYSL
HYSR1
Remote 1 and local temperature hysteresis.
Local temperature hysteresis. 0
°C to 15°C of hysteresis
can be applied to the local temperature AFC control
loops.
Remote 1 temperature hysteresis. 0
°C to 15°C of hyster-
esis can be applied to the Remote 1 temperature AFC
control loops.
0x44
0x6E
R/W
HYSR2
Remote 2 temperature hysteresis.
Local temperature hysteresis. 0
°C to 15°C of hysteresis
can be applied to the local temperature AFC control
loops.
0x40
1. Each 4-bit value controls the amount of temperature hysteresis applied to a particular temperature channel. Once the temperature for that
channel falls below its TMIN value, the fan remains running at PWMMIN duty cycle until the temperature = TMIN – hysteresis. Up to 15°C of
hysteresis can be assigned to any temperature channel. The hysteresis value chosen also applies to that temperature channel if its THERM
limit is exceeded. The PWM output being controlled goes to 100% if the THERM limit is exceeded and remains at 100% until the temperature
drops below THERM – hysteresis. For acoustic reasons, it is recommended that the hysteresis value not be programmed less than 4
°C.
Setting the hysteresis value lower than 4
°C causes the fan to switch on and off regularly when the temperature is close to TMIN.
2. These registers become read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to these registers have
no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com