Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 12 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 8Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 9Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 10Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 11Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 12Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 13Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 14Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 15Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
ADT7476A
www.onsemi.com
12
Alert Response Address
Alert response address (ARA) is a feature of SMBus
devices, allowing an interrupting device to identify itself to
the host when multiple devices exist on the same bus.
The SMBALERT output can be used as either an interrupt
output or an SMBALERT. One or more outputs can be
connected to a common SMBALERT line connected to the
master. If a device’s SMBALERT line goes low, the
following procedure occurs:
1. SMBALERT is pulled low.
2. The master initiates a read operation and sends the
alert response address (ARA = 0001 100). This is
a general call address that must not be used as a
specific device address.
3. The device whose SMBALERT output is low
responds to the alert response address, and the
master reads its device address. The address of this
device is now known and can be interrogated per
usual.
4. If more than one device’s SMBALERT output is
low, the one with the lowest device address has
priority in accordance with normal SMBus
arbitration.
5. Once the ADT7476A responds to the alert
response address, the master must read the status
registers, and SMBALERT is cleared only if the
error condition goes away.
SMBus Timeout
The ADT7476A includes an SMBus timeout feature. If
there is no SMBus activity for 35 ms, the ADT7476A
assumes the bus is locked and releases the bus. This prevents
the device from locking or holding the SMBus expecting
data. Some SMBus controllers cannot handle the SMBus
timeout feature, so if necessary, it can be disabled.
Table 6. CONFIGURATION REGISTER 1 (REG. 0x40)
Bit
Description
[6] TODIS
0: SMBus Timeout Enabled (Default)
1: SMBus Timeout Disabled
Virus Protection
To prevent rogue programs or viruses from accessing
critical ADT7476A register settings, the lock bit can be set.
Setting Bit 1 of Configuration Register 1 (0x40) sets the
lock bit and locks critical registers. In this mode, certain
registers can no longer be written to until the ADT7476A is
powered down and powered up again. For more information
on which registers are locked see Table 49.
Voltage Measurement Input
The ADT7476A has four external voltage measurement
channels. It can also measure its own supply voltage, VCC.
Pin 20 to Pin 23 can measure 5.0 V, 12 V, and 2.5 V
supplies, and the processor core voltage VCCP (0 V to 3 V
input). The VCC supply voltage measurement is carried out
through the VCC pin (Pin 4). The 2.5 V input can be used to
monitor a chipset supply voltage in computer systems.
Analog-to-Digital Converter
All analog inputs are multiplexed into the on-chip,
successive-approximation,
analog-to-digital
converter,
which has a resolution of 10 bits. The basic input range is 0 V
to 2.25 V, but the inputs have built-in attenuators to allow
measurement of 2.5 V, 3.3 V, 5.0 V, 12 V, and the processor
core voltage VCCP without any external components. To
allow the tolerance of these supply voltages, the ADC
produces an output of 3/4 full scale (768 dec or 300 hex) for
the nominal input voltage, giving it adequate headroom to
cope with overvoltages.
Input Circuitry
The internal structure for the analog inputs is shown in
Figure 24 The input circuit consists of an input protection
diode, an attenuator, plus a capacitor to form a first-order
low-pass filter that gives input immunity to high frequency
noise.
Figure 24. Structure of Analog Inputs
17.5 k
W
52.5 k
W
VCCP
35 pF
45 k
W
94 k
W
+2.5VIN
30 pF
68 k
W
71 k
W
VCC
30 pF
93 k
W
47 k
W
+5VIN
30 pF
183.6 k
W
30 k
W
+12VIN
30 pF
MUX
Table 7. VOLTAGE MEASUREMENT REGISTERS
Register
Description
Default
0x20
2.5 V Reading
0x00
0x21
VCCP Reading
0x00
0x22
VCC Reading
0x00
0x23
5.0 V Reading
0x00
0x24
12 V Reading
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com