Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 42 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 42 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 38Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 39Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 40Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 41Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 42Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 43Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 44Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 45Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
ADT7476A
www.onsemi.com
42
Programming the PWM Maximum Duty Cycle
Registers
The PWM maximum duty cycle registers are 8-bit
registers that allow the maximum PWM duty cycle for each
output to be configured anywhere from 0% to 100%. This
allows the maximum PWM duty cycle to be set in steps of
0.39%.
The value to be programmed into the PWM maximum
duty cycle register is given by:
Value (decimal) = PWMMAX/0.39
Example 1:
For a maximum PWM duty cycle of 50%,
Value (decimal) – 50/0.39 = 128 (decimal)
Value = 128 (decimal) or 80 (hex)
Example 2:
For a minimum PWM duty cycle of 75%,
Value (decimal) = 75/0.39 = 85 (decimal)
Value = 192 (decimal) or C0 (hex)
Table 46. PWM MAXIMUM DUTY CYCLE REGISTERS
Register
Description
Default
0x38
PWM1 Maximum Duty Cycle
0xFF (100%)
0x39
PWM2 Maximum Duty Cycle
0xFF (100%)
0x3A
PWM3 Maximum Duty Cycle
0xFF (100%)
Step 6 − TRANGE for Temperature Channels
TRANGE is the range of temperature over which automatic
fan control occurs once the programmed TMIN temperature
has been exceeded. TRANGE is the temperature range between
PWMMIN and 100% PWM where the fan speed changes
linearly. Otherwise stated, it is the line drawn between the
TMIN/PWMMIN and the (TMIN +TRANGE)/PWM100%
intersection points.
Figure 57. TRANGE Parameter Affects Cooling Slope
TMIN
100%
0%
TEMPERATURE
PWMMIN
TRANGE
The TRANGE is determined by the following procedure:
1. Determine the maximum operating temperature for
that channel (for example, 70
°C).
2. Determine experimentally the fan speed (PWM
duty cycle value) that does not exceed the
temperature at the worst-case operating points. For
example, 70
°C is reached when the fans are
running at 50% PWM duty cycle.
3. Determine the slope of the required control loop to
meet these requirements.
4. Using the ADT7476A evaluation software, you
can graphically program and visualize this
functionality.
As PWMMIN is changed, the automatic fan control slope
changes.
Figure 58. Adjusting PWMMIN Changes the Automatic
Fan Control Slope
TMIN
100%
0%
30
°C
33%
50%
As TRANGE is changed, the slope changes. As TRANGE
gets smaller, the fans reach 100% speed with a smaller
temperature change.
Figure 59. Increasing TRANGE Changes the AFC Slope
TMIN
100%
0%
30
°C
10%
40
°C
45
°C
54
°C
TMIN−HYST
Figure 60. Changing PWMMAX Does Not Change the
AFC Slope
TRANGE
100%
0%
10%
TMIN−HYST
MAX
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com