Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 33 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 33 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 29Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 30Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 31Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 32Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 33Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 34Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 35Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 36Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
ADT7476A
www.onsemi.com
33
In high frequency mode, the PWM drive frequency is
always 22.5 kHz. When high frequency mode is enabled, the
dc bits are automatically asserted internally and do not need
to be changed.
Fan Speed Control
The ADT7476A controls fan speed using automatic and
manual modes:
• In automatic fan speed control mode, fan speed is
automatically varied with temperature and without CPU
intervention once initial parameters are set up. The
advantage is that if the system hangs, the user is
guaranteed that the system is protected from
overheating.
• In manual fan speed control mode, the ADT7476A
allows the duty cycle of any PWM output to be
adjusted manually. This can be useful if the user wants
to change fan speed in software or adjust PWM duty
cycle output for test purposes. Bits [7:5] of
Register 0x5C to Register 0x5E (PWM Configuration)
control the behavior of each PWM output.
Table 42. PWM CONFIGURATION REGISTERS
(REG. 0x5C TO 0x5E)
Bit
Mnemonic
Description
[7:5]
BHVR
111 = Manual Mode
Once under manual control, each PWM output can be
manually
updated
by
writing
to
Register 0x30
to
Register 0x32 (PWM current duty cycle registers).
Programming the PWM Current Duty Cycle Registers
The PWM current duty cycle registers are 8-bit registers
that allow the PWM duty cycle for each output to be set
anywhere from 0% to 100% in steps of 0.39%. The value to
be programmed into the PWMMIN register is given by:
Value (decimal) = PWMMIN/0.39
Example 1:
For a PWM duty cycle of 50%,
Value (decimal) = 50/0.39 = 128 (decimal)
Value = 128 (decimal) or 0x80 (hex)
Example 2:
For a PWM duty cycle of 33%,
Value (decimal) = 33/0.39 = 85 (decimal)
Value = 85 (decimal) or 0x54 (hex)
Table 43. PWM CURRENT DUTY CYCLE REGISTERS
Register
Description
Default
0x30
PWM1 Current Duty Cycle
0xFF (100%)
0x31
PWM2 Current Duty Cycle
0xFF (100%)
0x32
PWM3 Current Duty Cycle
0xFF (100%)
By reading the PWMx current duty cycle registers, the
user can keep track of the current duty cycle on each PWM
output, even when the fans are running in automatic fan
speed control mode or acoustic enhancement mode.
Programming TRANGE
TRANGE defines the distance between TMIN and 100%
PWM. For the ADT7467, ADT7468 and ADT7473,
TRANGE is effectively a slope. For the ADT7475
andADT7476A, TRANGE is no longer a slope, but defines
the temperature region where the PWM output linearly
ramps from PWMMIN to 100% PWM.
Figure 46. TRANGE
TMIN
PWM = 100%
PWM = 0%
PWMMIN
PWMMAX
TRANGE
Programming the Automatic Fan Speed Control Loop
To understand the automatic fan speed control loop more
efficiently, it is recommended to use the ADT7476A
evaluation board and software while reading this section.
This section provides the system designer with an
understanding of the automatic fan control loop and
provides step-by-step guidance on effectively evaluating
and selecting critical system parameters. To optimize the
system characteristics, the designer needs to give some
thought to system configuration, including the number of
fans, where they are located, and what temperatures are
being measured in the particular system.
The mechanical or thermal engineer who is tasked with
the system thermal characterization should also be involved
at the beginning of the system development process.
Manual Fan Control Overview
In unusual circumstances, it can be necessary to manually
control the speed of the fans. Because the ADT7476A has an
SMBus interface, a system can read back all necessary
voltage, fan speed, and temperature information, and use
this information to control the speed of the fans by writing
to the PWM current duty cycle register (0x30, 0x31, and
0x32) of the appropriate fan. Bits [7:5] of the PWMx
configuration registers (0x5C, 0x5D, 0x5E) are used to set
fans up for manual control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com