Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 57 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 57 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 53Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 54Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 55Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 56Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 57Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 58Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 59Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
ADT7476A
www.onsemi.com
57
Table 65. PWM CONFIGURATION REGISTERS (Note 1)
Register Address
R/W
Description
Power-On Default
0x5C
R/W
PWM1 Configuration
0x62
0x5D
R/W
PWM2 Configuration
0x62
0x5E
R/W
PWM3 Configuration
0x62
Bit No.
Name
R/W
Description
[2:0]
SPIN
R/W
These bits control the startup timeout for PWMx. The PWM output stays high until two valid
TACH rising edges are seen from the fan. If there is not a valid TACH signal during the fan
TACH measurement directly after the fan startup timeout period, the TACH measurement
reads 0xFFFF and Interrupt Status Register 2 reflects the fan fault. If the TACH minimum
high and low bytes contain 0xFFFF or 0x0000, the Interrupt Status Register 2 bit is not set,
even if the fan has not started.
000 = No Startup Timeout
001 = 100 ms
010 = 250 ms (Default)
011 = 400 ms
100 = 667 ms
101 = 1 sec
110 = 2 sec
111 = 4 sec
[3]
RES
N/A
Reserved. Do not write to this bit.
[4]
INV
R/W
This bit inverts the PWM output. The default is 0, which corresponds to a logic high output for
100% duty cycle. Setting this bit to 1 inverts the PWM output, so 100% duty cycle
corresponds to a logic low output.
[7:5]
BHVR
R/W
These bits assign each fan to a particular temperature sensor for localized cooling.
000 = Remote 1 Temperature Controls PWMx (Automatic Fan Control Mode)
001 = Local Temperature Controls PWMx (Automatic Fan Control Mode)
010 = Remote 2 Temperature Controls PWMx (Automatic Fan Control Mode)
011 = PWMx Runs Full Speed (Default)
100 = PWMx Disabled
101 = Fastest Speed Calculated by Local and Remote 2 Temperature Controls PWMx
110 = Fastest Speed Calculated by All Three Temperature Channel Controls PWMx
111 = Manual Mode. PWM Current Duty Cycle Registers (0x30 to 0x32) Become Writable
1. These registers become read-only when the Configuration Register 1 Lock bit is set to 1. Any subsequent attempts to write to these registers fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com