Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 18Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 19Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 20Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 21Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 22Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 23Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 24Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 25Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
ADT7476A
www.onsemi.com
22
Fan TACH measurements are made in parallel and are not
synchronized with the analog measurements in any way.
Status Registers
The results of limit comparisons are stored in Interrupt
Status Register 1 and Interrupt Status Register 2. The status
register bit for each channel reflects the status of the last
measurement and limit comparison on that channel. If a
measurement is within limits, the corresponding status
register bit is cleared to 0. If the measurement is out-of-limits,
the corresponding status register bit is set to 1.
The state of the various measurement channels can be
polled by reading the status registers over the serial bus. In
Bit 7 (OOL) of Interrupt Status Register 1 (0x41), 1 means
an out-of-limit event has been flagged in Interrupt Status
Register 2. This means the user also needs to read Interrupt
Status Register 2. Alternatively, Pin 10 or Pin 14 can be
configured as an SMBALERT output. This hard interrupt
automatically notifies the system supervisor of an
out-of-limit condition. Reading the status registers clears the
appropriate status bit as long as the error condition that
caused the interrupt has cleared. Status register bits are
sticky. Whenever a status bit is set, indicating an out-of-limit
condition, it remains set even if the event that caused it has
gone away (until read).
The only way to clear the status bit is to read the status
register after the event has gone away. Interrupt mask
registers (0x74 and 0x75) allow individual interrupt sources
to be masked from causing an SMBALERT. However, if one
of these masked interrupt sources goes out of limit, its
associated status bit is set in the status registers.
Table 28. INTERRUPT STATUS REGISTER 1 (0x41)
Bit
Mnemonic
Description
[7]
OOL
1 denotes a bit in Interrupt Status
Register 2 is set and Interrupt Status
Register 2 should be read.
[6]
R2T
1 indicates that the Remote 2
Temperature High or Low limit has been
exceeded.
[5]
LT
1 indicates that the Local Temperature
High or Low Limit has been exceeded.
[4]
R1T
1 indicates that the Remote 1
Temperature High or Low Limit has
been exceeded.
[3]
5.0 V
1 indicates that the 5.0 V High or Low
Limit has been exceeded.
[2]
VCC
1 indicates that the VCC High or Low
Limit has been exceeded.
[1]
VCCP
1 indicates that the VCCP High or Low
Limit has been exceeded.
[0]
2.5 V
1 indicates that the 2.5 V High or Low
Limit has been exceeded.
If the 2.5 V input is configured as
THERM, this bit represents the status of
THERM.
Table 29. INTERRUPT STATUS REGISTER 2 (0x42)
Bit
Mnemonic
Description
[7]
D2
1 indicates an open or short on
D2+/D2− inputs.
[6]
D1
1 indicates an open or short on
D1+/D1− inputs.
[5]
F4P
1 indicates Fan 4 has dropped below
minimum speed. Alternatively, indicates
that the THERM limit has been
exceeded, if the THERM function is
used. Alternatively, indicates the status
of GPIO6.
[4]
FAN3
1 indicates that Fan 3 has dropped
below minimum speed.
[3]
FAN2
1 indicates that Fan 2 has dropped
below minimum speed.
[2]
FAN1
1 indicates that Fan 1 has dropped
below minimum speed.
[1]
OVT
1 indicates that a THERM
overtemperature limit has been
exceeded.
[0]
12 V/VC
1 indicates a 12 V high or low limit has
been exceeded. If the VID code change
function is used, this bit indicates a
change in VID code on the VID0 to
VID4 inputs.
SMBALERT Interrupt Behavior
The ADT7476A can be polled for status, or an
SMBALERT interrupt can be generated for out-of-limit
conditions. It is important to note how the SMBALERT
output and status bits behave when writing interrupt handler
software.
Figure 29. SMBALERT and Status Bit Behavior
HIGH LIMIT
TEMPERATURE
“STICKY”
STATUS BIT
SMBALERT
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
HIGH LIMIT
TEMPERATURE
“STICKY”
STATUS BIT
SMBALERT
Figure 29 shows how the SMBALERT output and sticky
status bits behave. Once a limit is exceeded, the
corresponding status bit is set to 1. The status bit remains set
until the error condition subsides and the status register is
read. The status bits are referred to as sticky because they
remain set until read by software. This ensures that an
out-of-limit event cannot be missed if the software is
periodically polling the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com