Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 62 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 62 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 58Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 59Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 62Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 63Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 64Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 65Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 66Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
ADT7476A
www.onsemi.com
62
Table 73. XNOR TREE TEST ENABLE (Note 1)
Register Address
R/W
Description
Power-On Default
0x6F
[0]
[7:1]
R/W
XEN
Reserved
XNOR tree test enable register.
If the XEN bit is set to 1, the device enters the XNOR
tree test mode. Clearing the bit removes the device from
the XNOR tree test mode.
Unused. Do not write to these bits.
0x00
1. This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 74. REMOTE 1 TEMPERATURE OFFSET (Note 1)
Register Address
R/W
Description
Power-On Default
0x70
R/W
Remote 1 temperature offset.
0x00
[7:0]
R/W
Allows a temperature offset to be automatically applied
to the Remote Temperature 1 channel measurement.
Bit 1 of Configuration Register 5 (0x7C) determines the
range and resolution of this register.
1. This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 75. LOCAL TEMPERATURE OFFSET (Note 1)
Register Address
R/W
Description
Power-On Default
0x71
R/W
Local temperature offset.
0x00
[7:0]
R/W
Allows a temperature offset to be automatically applied to
the local temperature measurement. Bit 1 of Configuration
Register 5 (0x7C) determines the range and resolution of
this register.
1. This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 76. REMOTE 2 TEMPERATURE OFFSET (Note 1)
Register Address
R/W
Description
Power-On Default
0x72
R/W
Remote 2 temperature offset.
0x00
[7:0]
R/W
Allows a temperature offset to be automatically applied
to the Remote Temperature 2 channel measurement.
Bit 1 of Configuration Register 5 (0x7C) determines the
range and resolution of this register.
1. This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com